Electronic Components Datasheet Search
  English  ▼

X  

DB118 Datasheet(PDF) 5 Page - CML Microcircuits

Part # DB118
Description  Full-Duplex Audio Processing
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB118 Datasheet(HTML) 5 Page - CML Microcircuits

  DB118 Datasheet HTML 1Page - CML Microcircuits DB118 Datasheet HTML 2Page - CML Microcircuits DB118 Datasheet HTML 3Page - CML Microcircuits DB118 Datasheet HTML 4Page - CML Microcircuits DB118 Datasheet HTML 5Page - CML Microcircuits DB118 Datasheet HTML 6Page - CML Microcircuits DB118 Datasheet HTML 7Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MX-COM, INC.
Page 5
MX118
MX118
MX118
MX118
MX118
Figure 5 - Typical Audio Frequency Response of a Single Scrambled or De-scrambled Channel
Application Information
Application Information
Application Information
Application Information
Application Information
System Gains
System Gains
System Gains
System Gains
System Gains
When calculating the external components for the operation of the MX118 the following should be considered:
a) The input Lowpass Filter has a typical gain of 0.5 dB.
b) The Balanced Modulator has a typical attenuation of 4.0 dB.
c) The Output Bandpass Filter has a typical gain of 4.5 dB.
Figure 6 - An Explanation of the MX118 Scramble Operation
Ho
Ho
Ho
Ho
How the In
w the In
w the In
w the In
w the Inver
ver
ver
ver
verter
ter
ter
ter
ter W
W
W
W
Works
orks
orks
orks
orks
Carrier Frequency
minus Input Voice Frequency equals Scrambled Voice Frequency.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com