Electronic Components Datasheet Search
  English  ▼

X  

DB118 Datasheet(PDF) 1 Page - CML Microcircuits

Part # DB118
Description  Full-Duplex Audio Processing
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB118 Datasheet(HTML) 1 Page - CML Microcircuits

  DB118 Datasheet HTML 1Page - CML Microcircuits DB118 Datasheet HTML 2Page - CML Microcircuits DB118 Datasheet HTML 3Page - CML Microcircuits DB118 Datasheet HTML 4Page - CML Microcircuits DB118 Datasheet HTML 5Page - CML Microcircuits DB118 Datasheet HTML 6Page - CML Microcircuits DB118 Datasheet HTML 7Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
Figure 1 - Simplified Signal Paths
3) A 3.3 kHz inversion carrier (injection tone).
4) A 14
th order bandpass filter (300-3000 Hz).
5) Input op-amps with externally adjustable gain.
The MX118 uses CMOS switched-capacitor filter
technology and operates from a single supply in the range
of 3.0 V to 5.5 V. The inversion carrier's frequency and
filter switching clock are generated on-chip using an
external 4.433619 MHz crystal or clock input.
MX118P
MX118DW
(16 pin PDIP)
(SOIC-16)
Features
Features
Features
Features
Features
Full-Duplex Audio Processing
Full-Duplex Audio Processing
Full-Duplex Audio Processing
Full-Duplex Audio Processing
Full-Duplex Audio Processing
On-Chip “Brick-wall” Filters (300-3000 Hz)
On-Chip “Brick-wall” Filters (300-3000 Hz)
On-Chip “Brick-wall” Filters (300-3000 Hz)
On-Chip “Brick-wall” Filters (300-3000 Hz)
On-Chip “Brick-wall” Filters (300-3000 Hz)
Low Voltage CMOS
Low Voltage CMOS
Low Voltage CMOS
Low Voltage CMOS
Low Voltage CMOS
High Baseband and Carrier Rejection
High Baseband and Carrier Rejection
High Baseband and Carrier Rejection
High Baseband and Carrier Rejection
High Baseband and Carrier Rejection
Excellent Audio Quality
Excellent Audio Quality
Excellent Audio Quality
Excellent Audio Quality
Excellent Audio Quality
ECPA* Qualified Voice Protection
ECPA* Qualified Voice Protection
ECPA* Qualified Voice Protection
ECPA* Qualified Voice Protection
ECPA* Qualified Voice Protection
Applications
Applications
Applications
Applications
Applications
Cordless Telephones & Wireless PBXs
Cordless Telephones & Wireless PBXs
Cordless Telephones & Wireless PBXs
Cordless Telephones & Wireless PBXs
Cordless Telephones & Wireless PBXs
Battery Powered Portability
Battery Powered Portability
Battery Powered Portability
Battery Powered Portability
Battery Powered Portability
Description
Description
Description
Description
Description
The MX118 is a full-duplex frequency inversion scram-
bler that secures cordless telephone conversations. The
two audio paths, C1 and C2, are identical and independ-
ent. Each consists of the following:
1) A 10th order lowpass filter cut off at 3.1 kHz.
2) A balanced modulator with high baseband and carrier
rejection.
* Electronics Communications Privacy Act (Title 18 US Code 2510 et seq.).
MX118


Similar Part No. - DB118

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
DB110A JINANJINGHENG-DB110A Datasheet
98Kb / 5P
Bilateral Voltage triggered Switch
DB110R JINANJINGHENG-DB110R Datasheet
98Kb / 5P
Bilateral Voltage triggered Switch
DB110S JINANJINGHENG-DB110S Datasheet
98Kb / 5P
Bilateral Voltage triggered Switch
logo
List of Unclassifed Man...
DB1111C ETC1-DB1111C Datasheet
161Kb / 2P
D_1111C Series, Ultra Compact InGaN/SiC SMT LED
logo
STANLEY ELECTRIC CO.,LT...
DB1111C STANLEY-DB1111C Datasheet
164Kb / 2P
D_1111C Series, Ultra Compact InGaN/SiC SMT LE
More results

Similar Description - DB118

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCPC1353 UTC-UTCPC1353 Datasheet
52Kb / 4P
TV AUDIO PROCESSING CIRCUIT
logo
Linear Integrated Syste...
PC1353 LINEAR-PC1353 Datasheet
55Kb / 4P
TV AUDIO PROCESSING CIRCUIT
logo
ATMEL Corporation
ATSAM3308B ATMEL-ATSAM3308B Datasheet
358Kb / 27P
Audio Processing
ATSAM3108B ATMEL-ATSAM3108B Datasheet
309Kb / 23P
Audio Processing
ATSAM3703 ATMEL-ATSAM3703 Datasheet
444Kb / 36P
Audio Processing
ATSAM2195 ATMEL-ATSAM2195 Datasheet
1Mb / 19P
Audio Processing
ATSAM2533 ATMEL-ATSAM2533 Datasheet
506Kb / 19P
Audio Processing
logo
CML Microcircuits
CMX7031 CMLMICRO-CMX7031 Datasheet
3Mb / 82P
Full Audio-band Processing
CMX7261 CMLMICRO-CMX7261 Datasheet
2Mb / 64P
Full-duplex operation
logo
C&K Components
PTS645VSMT CK-COMPONENTS-PTS645VSMT Datasheet
213Kb / 2P
Full SMT processing
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com