Electronic Components Datasheet Search
  English  ▼

X  

DB118 Datasheet(PDF) 2 Page - CML Microcircuits

Part # DB118
Description  Full-Duplex Audio Processing
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

DB118 Datasheet(HTML) 2 Page - CML Microcircuits

  DB118 Datasheet HTML 1Page - CML Microcircuits DB118 Datasheet HTML 2Page - CML Microcircuits DB118 Datasheet HTML 3Page - CML Microcircuits DB118 Datasheet HTML 4Page - CML Microcircuits DB118 Datasheet HTML 5Page - CML Microcircuits DB118 Datasheet HTML 6Page - CML Microcircuits DB118 Datasheet HTML 7Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2
MX-COM, INC.
MX118
MX118
MX118
MX118
MX118
Figure 2 - Block Diagram
Figure 3 - Recommended External Components
Notes:
Notes:
Notes:
Notes:
Notes: 1. Xtal circuitry shown is in accordance with MX-COM's Application Note on Crystal Oscillators (see Appendix).
Component
Component
Component
Component
Component
Value
Value
Value
Value
Value
R1
1.0M
C1
1.0
µF
C2
33.0pF
C3
47.0pF
C4
0.47
µF
C5
1.0
µF
C6
1.0
µF
X1
4.433619 MHz
Tolerances: R = ±10%, C = ±20%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com