Electronic Components Datasheet Search
  English  ▼

X  

MAX772C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX772C/D
Description  5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX772C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX772C/D Datasheet HTML 1Page - Maxim Integrated Products MAX772C/D Datasheet HTML 2Page - Maxim Integrated Products MAX772C/D Datasheet HTML 3Page - Maxim Integrated Products MAX772C/D Datasheet HTML 4Page - Maxim Integrated Products MAX772C/D Datasheet HTML 5Page - Maxim Integrated Products MAX772C/D Datasheet HTML 6Page - Maxim Integrated Products MAX772C/D Datasheet HTML 7Page - Maxim Integrated Products MAX772C/D Datasheet HTML 8Page - Maxim Integrated Products MAX772C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
_______________General Description
The MAX770–MAX773 step-up switching controllers pro-
vide 90% efficiency over a 10mA to 1A load. A
unique current-limited pulse-frequency-modulation (PFM)
control scheme gives these devices the benefits of
pulse-width-modulation (PWM) converters (high efficiency
at heavy loads), while using less than 110µA of supply
current (vs. 2mA to 10mA for PWM converters).
These ICs use tiny external components. Their high
switching frequencies (up to 300kHz) allow surface-
mount magnetics of 5mm height and 9mm diameter.
The MAX770/MAX771/MAX772 accept input voltages
from 2V to 16.5V. Output voltages are preset at 5V,
(MAX770), 12V (MAX771), and 15V (MAX772); they can
also be adjusted using two resistors.
The MAX773 accepts inputs from 3V to 16.5V. For a wider
input range, it features an internal shunt regulator that
allows unlimited higher input voltages. The MAX773’s out-
put can be set to 5V, 12V, or 15V, or it can be adjusted
with two resistors.
The MAX770–MAX773 drive external N-channel MOSFET
switches, allowing them to power loads up to 15W. If less
power is required, use the MAX756/MAX757 or
MAX761/MAX762 step-up switching regulators with on-
board MOSFETs.
________________________Applications
Palmtops/Handy-Terminals
High-Efficiency DC-DC Converters
Battery-Powered Applications
Positive LCD-Bias Generators
Portable Communicators
Flash Memory Programmers
____________________________Features
o 90% Efficiency for 10mA to 1A Load Currents
o Up to 15W Output Power
o 110µA Max Supply Current
o 5µA Max Shutdown Current
o 2V to 16.5V Input Range
(MAX770/MAX771/MAX772)
o Internal Shunt Regulator for High Input Voltages
(MAX773)
o Preset or Adjustable Output Voltages
MAX770: 5V or Adjustable
MAX771: 12V or Adjustable
MAX772: 15V or Adjustable
MAX773: 5V, 12V, 15V, or Adjustable
o Current-Limited PFM Control Scheme
o 300kHz Switching Frequency
______________Ordering Information
Ordering Information continued at end of data sheet.
*Contact factory for dice specifications.
**Contact factory for availability and processing to MIL-STD-883B.
5V/12V/15V or Adjustable, High-Efficiency,
Low IQ, Step-Up DC-DC Controllers
________________________________________________________________
Maxim Integrated Products
1
1
2
3
4
8
7
6
5
CS
GND
AGND
REF
SHDN
FB
V+
EXT
MAX770
MAX771
MAX772
DIP/SO
_________________Pin Configurations
FB AGND GND
V+
CS
EXT
N
REF
SHDN
ON/OFF
OUTPUT
12V
INPUT
2V TO VOUT
MAX771
__________Typical Operating Circuit
PART
TEMP. RANGE
PIN-PACKAGE
MAX770CPA
0°C to +70°C
Plastic DIP
MAX770CSA
0°C to +70°C
8 SO
MAX770C/D
0°C to +70°C
Dice*
MAX770EPA
-40°C to +85°C
8 Plastic DIP
MAX770ESA
-40°C to +85°C
8 SO
MAX770MJA
-55°C to +125°C
8 CERDIP**
TOP VIEW
Pin Configurations continued at end of data sheet.
19-0202; Rev 2; 11/96
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.


Similar Part No. - MAX772C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77231 MAXIM-MAX77231 Datasheet
916Kb / 10P
2.75V to 4.8V Input, 10mA Output, 35μVRMS Ultra-Low Noise Boost Regulator Ultra-Small Solution Size (< 7mm2)
Rev 2; 5/16
MAX77231 MAXIM-MAX77231 Datasheet
1Mb / 10P
Output Factory-Trimmable from 11.2V to 16.2V
Rev 0; 1/16
MAX77231EVKIT MAXIM-MAX77231EVKIT Datasheet
1Mb / 10P
Output Factory-Trimmable from 11.2V to 16.2V
Rev 0; 1/16
MAX77231EZL+ MAXIM-MAX77231EZL+ Datasheet
916Kb / 10P
2.75V to 4.8V Input, 10mA Output, 35μVRMS Ultra-Low Noise Boost Regulator Ultra-Small Solution Size (< 7mm2)
Rev 2; 5/16
MAX77271 MAXIM-MAX77271 Datasheet
3Mb / 20P
Multimode PA Step-Down Converter with Linear Bypass Mode
19-6508; Rev 0; 12/12
More results

Similar Description - MAX772C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1626 MAXIM-MAX1626 Datasheet
185Kb / 16P
5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
19-1075; Rev 0; 6/96
MAX1649 MAXIM-MAX1649 Datasheet
167Kb / 12P
5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX1771 MAXIM-MAX1771 Datasheet
195Kb / 16P
12V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controller
19-0263; Rev 1; 7/95
MAX608 MAXIM-MAX608 Datasheet
136Kb / 12P
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller
Rev 0; 9/95
MAX761 MAXIM-MAX761 Datasheet
122Kb / 12P
12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX764 MAXIM-MAX764 Datasheet
132Kb / 12P
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
Rev 0; 6/94
MAX774 MAXIM-MAX774 Datasheet
163Kb / 16P
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers
Rev 1; 3/94
MAX1649 MAXIM-MAX1649_09 Datasheet
223Kb / 12P
5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX775CSA-T MAXIM-MAX775CSA-T Datasheet
312Kb / 16P
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers
Rev 2; 12/02
MAX1626 MAXIM-MAX1626_V01 Datasheet
383Kb / 16P
5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com