Electronic Components Datasheet Search
  English  ▼

X  

MAX772C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX772C/D
Description  5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX772C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX772C/D Datasheet HTML 2Page - Maxim Integrated Products MAX772C/D Datasheet HTML 3Page - Maxim Integrated Products MAX772C/D Datasheet HTML 4Page - Maxim Integrated Products MAX772C/D Datasheet HTML 5Page - Maxim Integrated Products MAX772C/D Datasheet HTML 6Page - Maxim Integrated Products MAX772C/D Datasheet HTML 7Page - Maxim Integrated Products MAX772C/D Datasheet HTML 8Page - Maxim Integrated Products MAX772C/D Datasheet HTML 9Page - Maxim Integrated Products MAX772C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
5V/12V/15V or Adjustable, High-Efficiency,
Low IQ, Step-Up DC-DC Controllers
6
_______________________________________________________________________________________
VIN = 2.9V, IOUT = 0.9A
A: EXT VOLTAGE, 5V/div
B: INDUCTOR CURRENT 1A/div
C: VOUT RIPPLE 100mV/div, AC-COUPLED
MAX770
HEAVY-LOAD SWITCHNG WAVEFORMS
20
µs/div
VOUT
0
A
ILIM
ILIM
2
B
C
0
V+ = 3V, IOUT = 165mA
A: EXT VOLTAGE, 5V/div
B: INDUCTOR CURRENT, 1A/div
C: VOUT RIPPLE 100mV/div, AC-COUPLED
MAX770
LIGHT-LOAD SWITCHING WAVEFORMS
20
µs/div
0
B
A
C
ILIM
2
IOUT = 0.7A
A: VIN, 2.7V TO 4.5V, 2V/div
B: VOUT RIPPLE, 100mV/div, AC-COUPLED
MAX770
LINE-TRANSIENT RESPONSE
A
B
4.5V
2.7V
0
2ms/div
VIN = 3V
A: LOAD CURRENT 0.5A/div (0A to 1A)
B: VOUT RIPPLE, 100mV/div, AC-COUPLED
MAX770
LOAD-TRANSIENT RESPONSE
2ms/div
A
B
0
____________________________Typical Operating Characteristics (continued)
(Circuit of Figure 2a, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com