Electronic Components Datasheet Search
  English  ▼

X  

MAX772C/D Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX772C/D
Description  5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX772C/D Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX772C/D Datasheet HTML 11Page - Maxim Integrated Products MAX772C/D Datasheet HTML 12Page - Maxim Integrated Products MAX772C/D Datasheet HTML 13Page - Maxim Integrated Products MAX772C/D Datasheet HTML 14Page - Maxim Integrated Products MAX772C/D Datasheet HTML 15Page - Maxim Integrated Products MAX772C/D Datasheet HTML 16Page - Maxim Integrated Products MAX772C/D Datasheet HTML 17Page - Maxim Integrated Products MAX772C/D Datasheet HTML 18Page - Maxim Integrated Products MAX772C/D Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Determining RSENSE
The
Typical Operating Characteristics graphs show the
output current capability for various modes, sense
resistors, and input/output voltages. Use these graphs,
along with the theoretical output current curves shown
in Figures 7a-7d, to select RSENSE. These theoretical
curves assume that an external N-FET power switch is
used. They were derived using the minimum (worst-
case) current-limit comparator threshold value, and the
inductance value. No tolerance was included for
RSENSE. The voltage drop across the diode was
assumed to be 0.5V, and the drop across the power
switch rDS(ON) and coil resistance was assumed to be
0.3V. To use the graphs, locate the graph with the
appropriate output voltage or the graph having the
nearest output voltage higher than the desired output
voltage. On this graph, find the curve for the largest
sense-resistor value with an output current that is ade-
quate at the lowest input voltage.
Determining the Inductor (L)
Practical inductor values range from 10µH to 300µH.
20µH is a good choice for most applications. In appli-
cations with large input/output differentials, the IC’s
output current capability will be much less when the
inductance value is too low, because the IC will always
operate in discontinuous mode. If the inductor value
is too low, the current will ramp up to a high level
before the current-limit comparator can turn off the
switch. The minimum on-time for the switch (tON(min))
is approximately 2µs; select an inductor that allows
the current to ramp up to ILIM/2 in no less than 2µs.
Choosing a value of ILIM/2 allows the half-size current
pulses to occur, increasing light-load efficiency and
minimizing output ripple.
5V/12V/15V or Adjustable, High-Efficiency,
Low IQ, Step-Up DC-DC Controllers
______________________________________________________________________________________
15
0
INPUT VOLTAGE (V)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
2
3
4
5
RSENSE = 40mΩ
RSENSE = 50mΩ
RSENSE = 75mΩ
RSENSE = 200mΩ
RSENSE = 100mΩ
VOUT = 5V
L = 22
µH
0
INPUT VOLTAGE (V)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
2
4
6
8
10
12
RSENSE = 200mΩ
RSENSE = 100mΩ
RSENSE = 40mΩ
RSENSE = 50mΩ
RSENSE = 75mΩ
VOUT = 12V
L = 22
µH
Figure 7a. Maximum Output Current vs. Input Voltage
(VOUT = 5V)
Figure 7b. Maximum Output Current vs. Input Voltage
(VOUT = 12V)
Figure 7c. Maximum Output Current vs. Input Voltage
(VOUT = 15V)
Figure 7d. Maximum Output Current vs. Input Voltage
(VOUT = 24V)
0
INPUT VOLTAGE (V)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
2
4
6
8
10
12
14
16
RSENSE = 200mΩ
RSENSE = 100mΩ
VOUT = 15V
L = 22
µH
RSENSE = 40mΩ
RSENSE = 50mΩ
RSENSE = 75mΩ
0
2
INPUT VOLTAGE (V)
0.8
6
10
14
0.2
0.4
0.6
VOUT = 24V
L =150
µH
RSENSE = 100mΩ
RSENSE = 200mΩ
RSENSE = 400mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com