Electronic Components Datasheet Search
  English  ▼

X  

UB2017 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UB2017
Description  ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB2017 Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button UB2017_15 Datasheet HTML 3Page - Unisonic Technologies UB2017_15 Datasheet HTML 4Page - Unisonic Technologies UB2017_15 Datasheet HTML 5Page - Unisonic Technologies UB2017_15 Datasheet HTML 6Page - Unisonic Technologies UB2017_15 Datasheet HTML 7Page - Unisonic Technologies UB2017_15 Datasheet HTML 8Page - Unisonic Technologies UB2017_15 Datasheet HTML 9Page - Unisonic Technologies UB2017_15 Datasheet HTML 10Page - Unisonic Technologies UB2017_15 Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
UB2017
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 13
www.unisonic.com.tw
QW-R502-868.a
OPERATION(Cont.)
5. Thermal Limiting
An internal thermal feedback loop reduces the programmed charge current if the die temperature attempts to rise
above a preset value of approximately 120°С. This feature protects the UTC UB2017 from excessive temperature
and allows the user to push the limits of the power handling capability of a given circuit board without risk of
damaging the UTC UB2017. The charge current can be set according to typical (not worst-case) ambient
temperature with the assurance that the charger will automatically reduce the current in worst-case conditions.
6. Undervoltage Lockout (UVLO)
An internal undervoltage lockout circuit monitors the input voltage and keeps the charger in shutdown mode until
VCC rises above the undervoltage lockout threshold. The UVLO circuit has a built-in hysteresis of 120mV.
Furthermore, to protect against reverse current in the power MOSFET, the UVLO circuit keeps the charger in
shutdown mode if VCC falls to within 30mV of the battery voltage. If the UVLO comparator is tripped, the charger will
not come out of shutdown mode until VCC rise 100mV above the battery voltage.
APPLICATION INFORMATION
Stability Considerations
The constant-voltage mode feedback loop is stable without an output capacitor provided a battery is connected to
the charger output. With no battery present, an output capacitor is recommended to reduce ripple voltage. When
using high value, low ESR ceramic capacitors, it is recommended to add a 1W resistor in series with the capacitor.
No series resistor is needed if tantalum capacitors are used. In constant-current mode, the PROG pin is in the
feedback loop, not the battery. The constant-current mode stability is affected by the impedance at the PROG pin.
With no additional capacitance on the PROG pin, the charger is stable with program resistor values as high as 20kΩ.
However, additional capacitance on this node reduces the maximum allowed program resistor thus it should be
avoided. Average, rather than instantaneous, charge current may be of interest to the user. For example, if a
switching power supply operating in low current mode is connected in parallel with the battery, the average current
being pulled out of the BAT pin is typically of more interest than the instantaneous current pulses. In such a case, a
simple RC filter can be used on the PROG pin to measure the average battery current as shown in Figure 1. A 10kΩ
resistor has been added between the PROG pin and the filter capacitor to ensure stability.
Fig. 1 Isolating Capacitive Load on PROG Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com