Electronic Components Datasheet Search
  English  ▼

X  

UB2017 Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UB2017
Description  ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB2017 Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button UB2017_15 Datasheet HTML 4Page - Unisonic Technologies UB2017_15 Datasheet HTML 5Page - Unisonic Technologies UB2017_15 Datasheet HTML 6Page - Unisonic Technologies UB2017_15 Datasheet HTML 7Page - Unisonic Technologies UB2017_15 Datasheet HTML 8Page - Unisonic Technologies UB2017_15 Datasheet HTML 9Page - Unisonic Technologies UB2017_15 Datasheet HTML 10Page - Unisonic Technologies UB2017_15 Datasheet HTML 11Page - Unisonic Technologies UB2017_15 Datasheet HTML 12Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
UB2017
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 13
www.unisonic.com.tw
QW-R502-868.a
APPLICATION INFORMATION(Cont.)
Thermal Limiting
An internal thermal feedback loop reduces the programmed charge current if the die temperature attempts to rise
above a preset value of approximately 120°C. This feature protects the UTC UB2017 from excessive temperature
and allows the user to push the limits of the power handling capability of a given circuit board without risk of
damaging the UTC UB2017. The charge current can be set according to typical (not worst-case) ambient
temperature with the assurance that the charger will automatically reduce the current in worst-case conditions.
The conditions that cause the UTC UB2017 to reduce charge current through thermal feedback can be
approximated by considering the power dissipated in the IC. Nearly all of this power dissipation is generated by the
internal MOSFET. This is calculated to be approximately:
(
)
BAT
BAT
CC
D
I
V
V
P
×
−
=
Where PD is the power dissipated, VCC is the input supply voltage, VBAT is the battery voltage and IBAT is the
charge current. The approximate ambient temperature at which the thermal feedback begins to protect the IC is:
JA
D
A
P
C
T
θ
×
−
=
o
120
(
)
JA
BAT
BAT
CC
A
I
V
V
C
T
θ
×
×
−
−
=
o
120
Moreover, when thermal feedback reduces the charge current, the voltage at the PROG pin is also reduced
proportionally as discussed in the Operation section. It is important to remember that UTC UB2017 applications do
not need to be designed for worst-case thermal conditions since the IC will automatically reduce power dissipation
when the junction temperature reaches approximately 120°C.
Thermal Considerations
Because of the small size of the Thin SOT package, it is very important to use a good thermal PC board layout to
maximize the available charge current. The thermal path for the heat generated by the IC is from the die to the
copper lead frame, through the package leads, (especially the ground lead) to the PC board copper. The PC board
copper is the heat sink. The footprint copper pads should be as wide as possible and expand out to larger copper
areas to spread and dissipate the heat to the surrounding ambient. Feed-through vias to inner or backside copper
layers are also useful in improving the overall thermal performance of the charger. Other heat sources on the board,
not related to the charger, must also be considered when designing a PC board layout because they will affect
overall temperature rise and the maximum charge current. The following table lists thermal resistance for several
different board sizes and copper areas. All measurements were taken in still air on 3/32" FR-4 board with the device
mounted on topside.
Table 1 Measured Thermal Resistance on 2-Layer Board (Note 1)
COPPER AREA
BOARD AREA
THERMAL RESISTANCE (θJA)
JUNCTION-TO-AMBIENT
TOPSIDE
BACKSIDE
2500mm
2
2500mm
2
2500mm
2
125°C/W
1000mm
2
2500mm
2
2500mm
2
125°C/W
225mm
2
2500mm
2
2500mm
2
130°C/W
100mm
2
2500mm
2
2500mm
2
135°C/W
50mm
2
2500mm
2
2500mm
2
150°C/W
Note:
1. Each layer uses one ounce copper
Table 2 Measured Thermal Resistance on 4-Layer Board (Note 1)
COPPER AREA (EACH SIDE)
BOARD AREA
THERMAL RESISTANCE (θJA)
JUNCTION-TO-AMBIENT
2500mm
2 (Note 2)
2500mm
2
80°C/W
Notes:
1.
Top and bottom layers use two ounce copper, inner layer use one ounce copper
2.
10,000mm
2 total copper area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com