Electronic Components Datasheet Search
  English  ▼

X  

UB2017 Datasheet(PDF) 9 Page - Unisonic Technologies

Part # UB2017
Description  ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB2017 Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button UB2017_15 Datasheet HTML 5Page - Unisonic Technologies UB2017_15 Datasheet HTML 6Page - Unisonic Technologies UB2017_15 Datasheet HTML 7Page - Unisonic Technologies UB2017_15 Datasheet HTML 8Page - Unisonic Technologies UB2017_15 Datasheet HTML 9Page - Unisonic Technologies UB2017_15 Datasheet HTML 10Page - Unisonic Technologies UB2017_15 Datasheet HTML 11Page - Unisonic Technologies UB2017_15 Datasheet HTML 12Page - Unisonic Technologies UB2017_15 Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
UB2017
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 13
www.unisonic.com.tw
QW-R502-868.a
APPLICATION INFORMATION(Cont.)
Increasing Thermal Regulation Current
Reducing the voltage drop across the internal MOSFET can significantly decrease the power dissipation in the IC.
This has the effect of increasing the current delivered to the battery during thermal regulation. One method is by
dissipating some of the power through an external component, such as a resistor or diode. While this application
delivers more energy to the battery and reduces charge time in thermal mode, it may actually lengthen charge time
in voltage mode if VCC becomes low enough to put the UTC UB2017 into dropout. Figure 2 shows how this circuit
can result in dropout as RCC becomes large. This technique works best when RCC values are minimized to keep
component size small and avoid dropout. Remember to choose a resistor with adequate power handling capability.
UTC
UB2017
PROG
BAT
VCC
2kΩ
+
Li-Ion
BATTERY
RCC
1µF
GND
5V
Fig. 2 A Circuit to Maximize Thermal Mode Charge Current
VCC Bypass Capacitor
Many types of capacitors can be used for input bypassing. However, caution must be exercised when using
multilayer ceramic capacitors. Because of the self-resonant and high Q characteristics of some types of ceramic
capacitors, high voltage transients can be generated under some start-up conditions, such as connecting the charger
input to a live power source. Adding a 1 W resistor in series with an X5R ceramic capacitor will minimize start-up
voltage transients.
Charge Current Soft-Start
The UTC UB2017 includes a soft-start circuit to minimize the inrush current at the start of a charge cycle. When a
charge cycle is initiated, the charge current ramps from zero to the full-scale current over a period of approximately
50ms. This has the effect of minimizing the transient current load on the power supply during start-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com