Electronic Components Datasheet Search
  English  ▼

X  

MAX848ESE Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX848ESE
Description  1-Cell to 3-Cell, High-Power, Low-Noise, Step-Up DC-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX848ESE Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX848ESE Datasheet HTML 8Page - Maxim Integrated Products MAX848ESE Datasheet HTML 9Page - Maxim Integrated Products MAX848ESE Datasheet HTML 10Page - Maxim Integrated Products MAX848ESE Datasheet HTML 11Page - Maxim Integrated Products MAX848ESE Datasheet HTML 12Page - Maxim Integrated Products MAX848ESE Datasheet HTML 13Page - Maxim Integrated Products MAX848ESE Datasheet HTML 14Page - Maxim Integrated Products MAX848ESE Datasheet HTML 15Page - Maxim Integrated Products MAX848ESE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
1-Cell to 3-Cell, High-Power,
Low-Noise, Step-Up DC-DC Converters
12
______________________________________________________________________________________
When using two counters of the same length, as shown
in Figure 8, one counter (A) just counts the A/D clock
pulses (fOSC/2), and the other counter (B) counts DATA
output pulses. When counter A overflows (for example,
after 256 clock cycles for an 8-bit counter), counter B is
disabled. The controller reads the counter B output
data and calculates the analog voltage present at the
ADC’s input.
All µC Implementation
This implementation uses a µC timer and a counter.
The timer and the counter are reset at the same time.
The counter counts data-output pulses applied at its
input. When the timer times out, an interrupt is assert-
ed. The µC then reads the state of the counter register.
The interrupt-handling overhead can cause the counter
to count more pulses than desired. Accuracy depends
on how long the µC needs to read the counter. No
errors will occur if the counter is disabled within one
clock period. Interrupt latency reduces accuracy. The
main advantage of this implementation is that no exter-
nal hardware is required.
__________________Design Procedure
Inductor Selection
The MAX848/MAX849’s high switching frequency allows
the use of a small inductor. Use a 10µH inductor for the
MAX849 and a 22µH inductor for the MAX848. Inductors
with a ferrite core or equivalent are recommended; pow-
der iron cores are not recommended for use with high
switching frequencies. Make sure the inductor’s satura-
tion rating (the current at which the core begins to satu-
rate and inductance starts to fall) exceeds the internal
current limit: 0.8A for the MAX848 and 1.4A for the
MAX849. However, it is generally acceptable to bias the
inductor into saturation by approximately 20% (the point
where the inductance is 20% below the nominal value).
For highest efficiency, use a coil with low DC resistance,
preferably under 100m
Ω. To minimize radiated noise,
use a toroid, pot core, or shielded inductor. See Table 5
for a list of suggested inductor suppliers.
Diode Selection
The MAX848/MAX849’s high switching frequency
demands a high-speed rectifier. Schottky diodes, such
as the 1N5817 or MBR0520L, are recommended. Make
sure the diode’s current rating exceeds the maximum
load current and that its breakdown voltage exceeds
VOUT.
The Schottky rectifier diode carries load currents only in
the PFM operating mode, since the P-channel synchro-
nous rectifier is disabled. Therefore, the current rating
need not be high (0.5A is sufficient). In PFM mode, the
voltage drop across the rectifier diode causes efficien-
cy loss. However, when operating in PWM mode, the
internal P-channel synchronous rectifier is active and
efficiency loss due to the rectifier diode is minimized.
For high-temperature applications, Schottky diodes
may be inadequate due to their high leakage currents;
use high-speed silicon diodes such as the MUR105 or
EC11FS1. At heavy loads and high temperatures, the
benefits of a Schottky diode’s low forward voltage may
outweigh the disadvantage of high leakage current.
See Table 4 for a list of suggested diode suppliers.
fOSC/2
DATA
GIVES YOU 2-BIT RESOLUTION
COUNTING FOUR PULSES
Figure 7. Bit Stream at 1/2 Full Scale
EN
CLR
CLK
RC
8-BIT COUNTER
CLR
CLK
EN
8-BIT COUNTER
LATCH
÷2
VCC
CLOCK/SEL
OR LX
CLEAR
CARRY OUTPUT
DATA OUTPUT
A
B
Figure 8. Discrete Hardware Solution for Counting A/D Output
Data Pulses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com