Electronic Components Datasheet Search
  English  ▼

X  

MAX848ESE Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX848ESE
Description  1-Cell to 3-Cell, High-Power, Low-Noise, Step-Up DC-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX848ESE Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX848ESE Datasheet HTML 8Page - Maxim Integrated Products MAX848ESE Datasheet HTML 9Page - Maxim Integrated Products MAX848ESE Datasheet HTML 10Page - Maxim Integrated Products MAX848ESE Datasheet HTML 11Page - Maxim Integrated Products MAX848ESE Datasheet HTML 12Page - Maxim Integrated Products MAX848ESE Datasheet HTML 13Page - Maxim Integrated Products MAX848ESE Datasheet HTML 14Page - Maxim Integrated Products MAX848ESE Datasheet HTML 15Page - Maxim Integrated Products MAX848ESE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
1-Cell to 3-Cell, High-Power,
Low-Noise, Step-Up DC-DC Converters
14
______________________________________________________________________________________
Power-On Reset Delay
Adding a timing capacitor from POK to GND generates
a power-on reset delay. The reset time constant is
determined by the pull-up resistor and timing capacitor
(Figure 11). When power is turned on, POK is low and
the capacitor is shorted. When the output voltage
reaches regulation, POK goes high and the capacitor
slowly charges to the output voltage.
The timing resistor value depends on the controller’s
RESET input leakage current. The voltage drop across
the timing resistor should not exceed the difference
between the output voltage and the µC reset threshold
voltage. This resistor should be large enough to mini-
mize the shutdown current.
µC-Controlled Shutdown
The MAX848/MAX849 turn on when ON1 = 1 or ON2 = 0.
The µC monitors the battery voltage and turns off the
device (forces ON1 low and ON2 high) when the bat-
tery is weak.
Layout Considerations
Due to high inductor current levels and fast switching
waveforms, which radiate noise, proper PC board lay-
out is essential. Protect sensitive analog grounds by
using a star ground configuration. Minimize ground
noise by connecting PGND, the input bypass capacitor
ground lead, and the output filter capacitor ground lead
to a single point (star ground configuration). Also, mini-
mize lead lengths to reduce stray capacitance and
trace resistance.
If an external resistor divider is used to set the output
voltage (Figure 5), the trace from FB to the resistors
must be extremely short and must be shielded from
switching signals, such as CLK, DATA, or LX.
MAX848
MAX849
OUT
POK
VCC
RESET
µC
R
C
Figure 11. Power-On Reset Delay
Table 4. Component Selection Guide
PRODUCTION
INDUCTORS
CAPACITORS
DIODES
Surface Mount
Sumida CDR63B, CD73, CDR73B, CD74B series
Coilcraft DO1608, DO3308, DT3316 series
Matsuo 267 series
Sprague 595D series
AVX TPS series
Motorola MBR0520L
Through Hole
Sumida RCH654 series
Sanyo OS-CON series
Nichicon PL series
Motorola 1N5817
Table 5. Component Suppliers
SUPPLIER
PHONE
FAX
AVX
USA: 803-946-0690
800-282-4975
803-626-3123
Coilcraft
USA: 847-639-6400
847-639-1469
Matsuo
USA: 714-969-2491
714-960-6492
Motorola
USA: 602-303-5454
602-994-6430
Sanyo
USA: 619-661-6835
Japan: 81-7-2070-6306
619-661-1055
81-7-2070-1174
Sumida
USA: 847-956-0666
Japan: 81-3-3607-5111
847-956-0702
81-3-3607-5144
Chip Information
TRANSISTOR COUNT: 2059



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com