Electronic Components Datasheet Search
  English  ▼

X  

MAX850 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX850
Description  Low-Noise, Regulated, Negative Charge-Pump Power Supplies for GaAsFET Bias
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX850 Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX850 Datasheet HTML 1Page - Maxim Integrated Products MAX850 Datasheet HTML 2Page - Maxim Integrated Products MAX850 Datasheet HTML 3Page - Maxim Integrated Products MAX850 Datasheet HTML 4Page - Maxim Integrated Products MAX850 Datasheet HTML 5Page - Maxim Integrated Products MAX850 Datasheet HTML 6Page - Maxim Integrated Products MAX850 Datasheet HTML 7Page - Maxim Integrated Products MAX850 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Low-Noise, Regulated, Negative
Charge-Pump Power Supplies for GaAsFET Bias
8
______________________________________________________________________________________
___________________Chip Topography
________________________________________________________Package Information
sensitivity and interference. The clock must be a square wave
between 40% and 60% duty cycle. The maximum clock fre-
quency is 250kHz, and the minimum frequency is 50kHz.
Layout and Grounding
Good layout is important, primarily for good noise perfor-
mance.
1) Mount all components as close together as possible.
2) Keep traces short to minimize parasitic inductance
and capacitance. This includes connections to FB.
3) Use a ground plane.
Noise and Ripple Measurement
Accurately measuring the output noise and ripple is a chal-
lenge. Brief differences in ground potential between the
MAX850–MAX853 circuit and the oscilloscope (which result
from the charge pump’s switching action) cause ground
currents in the probe’s wires, inducing sharp voltage spikes.
For best results, measure directly across the output capaci-
tor (C4). Do not use the ground lead of the oscilloscope
probe; instead, remove the probe’s tip cover and touch the
ground ring on the probe directly to C4’s ground terminal.
You can also use a Tektronix chassis mount test jack (part
no. 131-0258) to connect your scope probe directly. This
direct connection gives the most accurate noise and rip-
ple measurement.
FB (MAX850–852)
CONT (MAX853)
OUT
GND
IN
NEGOUT
C1-
C1+
SHDN (MAX850/853)
SHDN (MAX851)
OSC (MAX852)
0.127"
(3.226mm)
0.085"
(2.159mm)
TRANSISTOR COUNT: 164
SUBSTRATE CONNECTED TO IN
L
DIM
A
A1
B
C
D
E
e
H
h
L
α
MIN
0.053
0.004
0.014
0.007
0.189
0.150
0.228
0.010
0.016
0˚
MAX
0.069
0.010
0.019
0.010
0.197
0.157
0.244
0.020
0.050
8˚
MIN
1.35
0.10
0.35
0.19
4.80
3.80
5.80
0.25
0.40
0˚
MAX
1.75
0.25
0.49
0.25
5.00
4.00
6.20
0.50
1.27
8˚
INCHES
MILLIMETERS
α
8-PIN PLASTIC
SMALL-OUTLINE
PACKAGE
H
E
D
e
A
A1
C
h x 45˚
0.127mm
0.004in.
B
1.27 BSC
0.050 BSC
21-325A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com