Electronic Components Datasheet Search
  English  ▼

X  

MAX850 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX850
Description  Low-Noise, Regulated, Negative Charge-Pump Power Supplies for GaAsFET Bias
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX850 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX850 Datasheet HTML 1Page - Maxim Integrated Products MAX850 Datasheet HTML 2Page - Maxim Integrated Products MAX850 Datasheet HTML 3Page - Maxim Integrated Products MAX850 Datasheet HTML 4Page - Maxim Integrated Products MAX850 Datasheet HTML 5Page - Maxim Integrated Products MAX850 Datasheet HTML 6Page - Maxim Integrated Products MAX850 Datasheet HTML 7Page - Maxim Integrated Products MAX850 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Low-Noise, Regulated, Negative
Charge-Pump Power Supplies for GaAsFET Bias
_______________________________________________________________________________________
5
_____________________________Typical Operating Characteristics (continued)
(Circuit of Figure 2a, VIN = 6V, TA = +25°C, unless otherwise noted.)
CIRCUIT OF FIGURE 2a, VIN = 6.0V, VOUT = -4.1V, IOUT = 5mA
MAX850/MAX851/MAX853
START-UP FROM SHUTDOWN
VOUT
2V/div
VSHDN
5V/div
200
µs/div
CIRCUIT OF FIGURE 2a, VIN = 6.0V, VOUT = -4.1V, IOUT = 5mA
SHUTDOWN OCCURS WHEN 100kHz EXTERNAL CLOCK IS GATED OFF
MAX852
START-UP FROM SHUTDOWN
VOUT
2V/div
VOSC
5V/div
200
µs/div
VOUT = -4.08V, IOUT = 5mA, AC COUPLED
LINE-TRANSIENT RESPONSE
VOUT
20mV/div
VIN
6.0V
5.5V
2ms/div
VOUT = -4.0V, AC COUPLED
LOAD-TRANSIENT RESPONSE
IOUT
0.01mA
5mA
VOUT
50mV/div
1ms/div



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com