Electronic Components Datasheet Search
  English  ▼

X  

MAX850 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX850
Description  Low-Noise, Regulated, Negative Charge-Pump Power Supplies for GaAsFET Bias
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX850 Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX850 Datasheet HTML 1Page - Maxim Integrated Products MAX850 Datasheet HTML 2Page - Maxim Integrated Products MAX850 Datasheet HTML 3Page - Maxim Integrated Products MAX850 Datasheet HTML 4Page - Maxim Integrated Products MAX850 Datasheet HTML 5Page - Maxim Integrated Products MAX850 Datasheet HTML 6Page - Maxim Integrated Products MAX850 Datasheet HTML 7Page - Maxim Integrated Products MAX850 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Low-Noise, Regulated, Negative
Charge-Pump Power Supplies for GaAsFET Bias
_______________________________________________________________________________________
7
__________Applications Information
Setting the Output Voltage
For the MAX850–MAX852, select either a fixed or an
adjustable output voltage. Connect FB directly to GND to
select the fixed -4.1V output (Figure 2a). To select an alter-
nate output voltage, connect FB to the midpoint of a resis-
tor voltage divider from OUT to GND (Figure 2b). VIN must
be 1.0V above the absolute value of VOUT to allow proper
regulation. The output voltage is calculated from the formu-
la below. Choose R2 to be between 100k
Ω to 400kΩ.
For the MAX853, set the output voltage, VOUT, by con-
necting a resistor voltage divider between OUT and a
positive control voltage, VCTRL (Figure 2c.)
Shutdown
The MAX850–MAX853 feature a shutdown mode that
reduces the supply current to 1µA max over temperature
(5µA max for the MAX851). The MAX850 and MAX853 have
an active-low TTL logic level SHDN input, whereas the
MAX851 has an active-high SHDN input. To shut down the
MAX852, set the OCSC input to a logic-low level. The device
is powered up by the resumption of the clock signal.
Capacitors
Use capacitors with low effective series resistance (ESR) to
maintain a low dropout voltage (VIN -
|VOUT|). The overall
dropout voltage is a function of the charge pump’s output
resistance and the voltage drop across the linear regulator
(N-channel pass transistor). At the 100kHz switching fre-
quency, the charge-pump output resistance is a function of
C1 and C2’s ESR. Therefore, minimizing the ESR of the
charge-pump capacitors minimizes the dropout voltage.
1µF, 0.8
Ω ESR capacitors are recommended for C1, C2,
and C3. C4 should be 10µF, 0.2
Ω ESR. All capacitors
should be either surface-mount chip tantalum or chip
ceramic types. External capacitor values may be adjusted to
optimize size and cost.
Switching-Frequency Control
Use the MAX852 to minimize system interference caused by
conflicting clock frequencies. An external oscillator can set
the charge-pump frequency and reduce clock frequency
MAX850
MAX851
MAX852
FB
OUT
SHDN*
SHDN
OSC
NEGOUT
C1-
C1+
IN
GND
VIN
C3
1
µF
VOUT = -4.1V
(VGG of GaAsFET)
*MAX850: SHDN
MAX851: SHDN
MAX852: OSC
C4
10
µF
C1
1
µF
C2
1
µF
MAX853
CONT
OUT
SHDN
NEGOUT
C1-
C1+
IN
GND
VIN
C3
1
µF
VOUT = -0.5V to -9V @ 5mA
C4
10
µF
C1
1
µF
C2
1
µF
R2
100k
R1
100k
VCTRL (0V TO 10V)
Figure 2a. MAX850/MAX851/MAX852 Standard Application Circuit
Figure 2c. MAX853 Standard Application Circuit
MAX850
MAX851
MAX852
FB
OUT
SHDN*
SHDN
OSC
NEGOUT
C1-
C1+
IN
GND
VIN
C3
1
µF
VOUT = (-1.28V) 1+
R2
R1
*MAX850: SHDN
MAX851: SHDN
MAX852: OSC
C4
10
µF
C1
1
µF
C2
1
µF
R2
100k
R1
100k
(
)
Figure 2b. MAX850/MAX851/MAX852 Adjustable Configuration
V
= -1.28
OUT
() +


1
2
1
R
R
V
= - V
R2
R1
OUT
CTRL





Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com