Electronic Components Datasheet Search
  English  ▼

X  

MAX844ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX844ESA
Description  Low-Noise, Regulated, -2V GaAsFET Bias
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX844ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX844ESA Datasheet HTML 2Page - Maxim Integrated Products MAX844ESA Datasheet HTML 3Page - Maxim Integrated Products MAX844ESA Datasheet HTML 4Page - Maxim Integrated Products MAX844ESA Datasheet HTML 5Page - Maxim Integrated Products MAX844ESA Datasheet HTML 6Page - Maxim Integrated Products MAX844ESA Datasheet HTML 7Page - Maxim Integrated Products MAX844ESA Datasheet HTML 8Page - Maxim Integrated Products MAX844ESA Datasheet HTML 9Page - Maxim Integrated Products MAX844ESA Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Low-Noise, Regulated, -2V GaAsFET Bias
_______________________________________________________________________________________
9
MAX840
FB
OUT
SHDN
NEGOUT
C1-
C1+
IN
GND
VIN
C3
1
µF
VOUT = -2V
(VGG of GaAsFET)
C4
10
µF
C1
1
µF
C2
1
µF
1
ON/OFF
2
3
45
6
8
7
MAX840
FB
OUT
SHDN
NEGOUT
C1-
C1+
IN
GND
VIN
C3
1
µF
VOUT = (-0.5V) 1+
R2
R1
C4
10
µF
C1
1
µF
C2
1
µF
R2
100k
R1
100k
(
)
1
2
3
4
5
6
8
7
ON/OFF
MAX843
MAX844
CONT
OUT
SHDN
NEGOUT
C1-
C1+
IN
GND
VIN
C3
1
µF
VOUT = -0.5V to -9.4V @ 4mA
C4
10
µF
C1
1
µF
C2
1
µF
R2
100k
R1
100k
VCTRL (0V TO 10V)
1
2
3
45
6
8
7
ON/OFF
MAX840
FB
OUT
SHDN
NEGOUT
C1-
C1+
IN
GND
VIN
C3
0.22
µF
VOUT = -2V
(VGG of GaAsFET)
C4
4.7
µF
C1
0.22
µF
C2
0.22
µF
1
2
3
45
6
8
7
ON/OFF
Figure 2a. MAX840 Standard Application Circuit
Figure 2b. MAX840 Adjustable Configuration
Figure 2d. MAX840 Application Circuit Using Smaller Capacitors
Figure 2c. MAX843/MAX844 Standard Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com