Electronic Components Datasheet Search
  English  ▼

X  

MAX844ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX844ESA
Description  Low-Noise, Regulated, -2V GaAsFET Bias
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX844ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX844ESA Datasheet HTML 1Page - Maxim Integrated Products MAX844ESA Datasheet HTML 2Page - Maxim Integrated Products MAX844ESA Datasheet HTML 3Page - Maxim Integrated Products MAX844ESA Datasheet HTML 4Page - Maxim Integrated Products MAX844ESA Datasheet HTML 5Page - Maxim Integrated Products MAX844ESA Datasheet HTML 6Page - Maxim Integrated Products MAX844ESA Datasheet HTML 7Page - Maxim Integrated Products MAX844ESA Datasheet HTML 8Page - Maxim Integrated Products MAX844ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
_______________General Description
The MAX840/MAX843/MAX844 low-noise, inverting
charge-pump power supplies are ideal for biasing
GaAsFETs in cellular telephone transmitter amplifiers.
They operate with inputs down to 2.5V.
The MAX840 offers both a -2V preset output and a -0.5V
to -9.4V adjustable output. The MAX843/MAX844 use
an external positive control voltage to set the negative
output voltage. Input voltage range for all the devices is
2.5V to 10V, and output current is 4mA with VIN > 2.7V.
These circuits can operate with small capacitors, as low
as 0.22µF.
An internal linear regulator reduces the MAX840’s out-
put voltage ripple to 1mVp-p. With a well-filtered control
voltage (VCTRL), the MAX843/MAX844 also achieve less
than 1mVp-p typical output ripple. Supply current is
750µA, and reduces to less than 1µA in shutdown
(MAX840/MAX843). The MAX844’s unregulated output
is active in shutdown, with the charge pump switching at
20kHz. It provides a low-power LCD supply.
________________________Applications
Cellular Phones
GaAsFET Power Amplifier Modules
Personal Communicators, PDAs
Wireless Data Loggers
Continuously Adjustable GaAsFET Bias
LCD-Bias Contrast Control
Regulated Negative Power Supplies
____________________________Features
o Fixed -2V or Adjustable -0.5V to -9.4V Output
at 4mA (MAX840)
o 2.5V to 10V Input Voltage Range
o Operate with Small Capacitors (as low as 0.22µF)
o 1mVp-p Output Voltage Ripple
o Charge-Pump Switching Frequency:
100kHz in Normal Operation
20kHz in Shutdown Mode (MAX844)
o 1µA Max Logic-Level Shutdown Over Temp.
(MAX840/MAX843)
o Small 8-Pin SO Package
Low-Noise, Regulated, -2V GaAsFET Bias
________________________________________________________________
Maxim Integrated Products
1
( ) ARE FOR MAX843/MAX844
1
2
3
4
8
7
6
5
IN
GND
OUT
FB (CONT)
SHDN
NEGOUT
C1-
C1+
MAX840
MAX843
MAX844
SO
TOP VIEW
__________________Pin Configuration
MAX840
FB
OUT
SHDN
NEGOUT
C1-
C1+
IN
GND
VIN = 2.5V to 10.0V
(3 CELLS)
0.22
µF
VOUT = -2.0V
(VGG of GaAsFET)
4.7
µF
0.22
µF
0.22
µF
ON/OFF
__________Typical Operating Circuit
19-0388; Rev 1; 3/96
PART
MAX840C/D
MAX840ISA
MAX840ESA
-40°C to +85°C
-25°C to +85°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
Dice*
8 SO
8 SO
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET
______________Ordering Information
* Dice are specified at TA = +25°C only.
MAX843C/D
0°C to +70°C
Dice*
MAX843ISA
-25°C to +85°C
8 SO
MAX843ESA
-40°C to +85°C
8 SO
MAX844C/D
0°C to +70°C
Dice*
MAX844ISA
-25°C to +85°C
8 SO
MAX844ESA
-40°C to +85°C
8 SO
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800


Similar Part No. - MAX844ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX845 MAXIM-MAX845 Datasheet
213Kb / 16P
Isolated Transformer Driver for PCMCIA Applications
Rev 4; 10/97
MAX845 MAXIM-MAX845 Datasheet
45Kb / 4P
Isolated Power Supply
Rev 4; 10/97
MAX845C/D MAXIM-MAX845C/D Datasheet
213Kb / 16P
Isolated Transformer Driver for PCMCIA Applications
Rev 4; 10/97
MAX845ESA MAXIM-MAX845ESA Datasheet
213Kb / 16P
Isolated Transformer Driver for PCMCIA Applications
Rev 4; 10/97
MAX845EUA MAXIM-MAX845EUA Datasheet
213Kb / 16P
Isolated Transformer Driver for PCMCIA Applications
Rev 4; 10/97
More results

Similar Description - MAX844ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX768 MAXIM-MAX768 Datasheet
101Kb / 12P
Low-Noise, Dual-Output, Regulated Charge Pump for GaAsFET, LCD, and VCO Supplies
Rev 0; 12/96
MAX850 MAXIM-MAX850 Datasheet
118Kb / 8P
Low-Noise, Regulated, Negative Charge-Pump Power Supplies for GaAsFET Bias
Rev 2; 4/96
MAX881R MAXIM-MAX881R Datasheet
111Kb / 8P
Low-Noise Bias Supply in 關MAX with Power-OK for GaAsFET PA
Rev 1; 6/98
logo
National Semiconductor ...
LM7705 NSC-LM7705 Datasheet
410Kb / 16P
Low Noise Negative Bias Generator
logo
AVAGO TECHNOLOGIES LIMI...
MGA-684P8 AVAGO-MGA-684P8 Datasheet
136Kb / 10P
Low Noise Active Bias Low Noise Amplifi er
logo
Texas Instruments
CFLM7705 TI1-CFLM7705_14 Datasheet
1Mb / 23P
Low Noise Negative Bias Generator
logo
AVAGO TECHNOLOGIES LIMI...
MGA-684P8 AVAGO-MGA-684P8_15 Datasheet
136Kb / 10P
Low Noise Active Bias Low Noise Amplifi er
logo
Copal Electronics
W-5200-5 COPAL-W-5200-5 Datasheet
227Kb / 11P
Low Noise Regulated
logo
Broadcom Corporation.
MGA-631P8 BOARDCOM-MGA-631P8 Datasheet
293Kb / 18P
Low Noise, High Linearity, Active Bias Low Noise Amplifier
MGA-684P8 BOARDCOM-MGA-684P8 Datasheet
136Kb / 10P
Low Noise Active Bias Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com