Electronic Components Datasheet Search
  English  ▼

X  

MAX844ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX844ESA
Description  Low-Noise, Regulated, -2V GaAsFET Bias
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX844ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX844ESA Datasheet HTML 2Page - Maxim Integrated Products MAX844ESA Datasheet HTML 3Page - Maxim Integrated Products MAX844ESA Datasheet HTML 4Page - Maxim Integrated Products MAX844ESA Datasheet HTML 5Page - Maxim Integrated Products MAX844ESA Datasheet HTML 6Page - Maxim Integrated Products MAX844ESA Datasheet HTML 7Page - Maxim Integrated Products MAX844ESA Datasheet HTML 8Page - Maxim Integrated Products MAX844ESA Datasheet HTML 9Page - Maxim Integrated Products MAX844ESA Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Low-Noise, Regulated, -2V GaAsFET Bias
6
_______________________________________________________________________________________
START-UP FROM SHUTDOWN
VIN = 3.6V, VOUT = -2V, IOUT = 4mA
500
µs/div
VOUT
1V/div
0V
0V
VSHDN
2V/div
LINE-TRANSIENT RESPONSE
VOUT = -2V, IOUT = 4mA, AC COUPLED
5ms/div
VOUT
10mV/div
VIN
2.7V
3.3V
LOAD-TRANSIENT RESPONSE
VIN = 3.6V, VOUT = -2V
5ms/div
VOUT
20mV/div
0.01mA
IOUT
4mA
____________________________Typical Operating Characteristics (continued)
(Circuit of Figure 2a, VIN = 3.6V, TA = +25°C, unless otherwise noted.)
MAX843/MAX844 NOISE SPECTRUM
(C1 = C2 = C3 = 0.22
µF, C4 = 4.7µF)
50
0
0.1
1
10
100
1000
10
FREQUENCY (kHz)
20
30
40
VIN = 3.6V,
IOUT = 4mA
VOUT
NOTE: dBµV = 20 LOG ______
1µV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com