Electronic Components Datasheet Search
  English  ▼

X  

MAX868C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX868C/D
Description  Regulated, Adjustable -2x Inverting Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX868C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX868C/D Datasheet HTML 1Page - Maxim Integrated Products MAX868C/D Datasheet HTML 2Page - Maxim Integrated Products MAX868C/D Datasheet HTML 3Page - Maxim Integrated Products MAX868C/D Datasheet HTML 4Page - Maxim Integrated Products MAX868C/D Datasheet HTML 5Page - Maxim Integrated Products MAX868C/D Datasheet HTML 6Page - Maxim Integrated Products MAX868C/D Datasheet HTML 7Page - Maxim Integrated Products MAX868C/D Datasheet HTML 8Page - Maxim Integrated Products MAX868C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
General Description
The MAX868 inverting charge pump provides a low-cost
and compact means of generating a regulated negative
voltage up to -2 x VIN from a positive input voltage
between 1.8V and 5.5V. It uses a pulse-frequency-
modulation (PFM) control scheme to generate the regulat-
ed negative output voltage. PFM operation is obtained
by gating the internal 450kHz oscillator on and off as
needed to maintain output voltage regulation. This
unique on-demand switching scheme gives the MAX868
excellent light-load efficiency without degrading its full-
load operation (up to 30mA), permitting smaller capaci-
tors to take advantage of the oscillator’s high switching
frequency.
The MAX868 requires no inductors; only four capacitors
are required to build a complete DC-DC converter.
Output voltage regulation is achieved by adding just two
resistors. The MAX868 comes in a 10-pin µMAX pack-
age, which is only 1.11mm high and occupies just half
the board area of a standard 8-pin SO.
________________________Applications
Small LCD Panels
Cell Phones
Cordless Phones
Camcorders
Handy-Terminals, PDAs
Medical Instruments
Battery-Operated Equipment
____________________________Features
o Regulated Negative Output Voltage
(up to -2 x VIN)
o Ultra-Small, 10-Pin µMAX Package
o On-Demand Switching at up to 450kHz
o 30µA Quiescent Supply Current
o Requires Only Four Small External Capacitors
o 1.8V to 5.5V Input Voltage Range
o 0.1µA Logic-Controlled Shutdown
o Up to 30mA Output Current
Regulated, Adjustable -2x
Inverting Charge Pump
________________________________________________________________
Maxim Integrated Products
1
1
2
3
4
5
10
9
8
7
6
FB
SHDN
C2+
IN
PGND
C1-
OUT
GND
MAX868
µMAX
TOP VIEW
C2-
C1+
Configuration
MAX868
C1+
IN
PGND
SHDN
GND
FB
OUT
0.1
µF
1
µF
2.2
µF
VOUT = 0V TO -2 x VIN
VIN = 1.8V TO 5.5V
0.1
µF
C1-
C2+
C2-
Typical Operating Circuit
19-1290; Rev 1; 2/98
PART
MAX868C/D
MAX868EUB
-40°C to +85°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
Dice*
10 µMAX
Ordering Information
*
Dice are tested at TA = +25°C.


Similar Part No. - MAX868C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8680 MAXIM-MAX8680 Datasheet
156Kb / 2P
Smallest, All-Internal MOSFET, 7-Channel DSC PMIC in Tiny 5mm x 5mm Thin QFN
Rev 2; 11/07
MAX8680ETL+ MAXIM-MAX8680ETL+ Datasheet
156Kb / 2P
Smallest, All-Internal MOSFET, 7-Channel DSC PMIC in Tiny 5mm x 5mm Thin QFN
Rev 2; 11/07
MAX8685A MAXIM-MAX8685A Datasheet
39Kb / 5P
PLASTIC ENCAPSULATED DEVICES
July 9, 2009
MAX8685AETD+ MAXIM-MAX8685AETD+ Datasheet
39Kb / 5P
PLASTIC ENCAPSULATED DEVICES
July 9, 2009
MAX8686 MAXIM-MAX8686 Datasheet
416Kb / 23P
Single/Multiphase, Step-Down, DC-DC Converter Delivers Up to 25A Per Phase
Rev 1; 10/10
More results

Similar Description - MAX868C/D

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3110 ANALOGICTECH-AAT3110 Datasheet
510Kb / 18P
MicroPower??Regulated Charge Pump
logo
Maxim Integrated Produc...
MAX889 MAXIM-MAX889 Datasheet
301Kb / 8P
High-Frequency, Regulated, 200mA, Inverting Charge Pump
logo
ON Semiconductor
NIS6201 ONSEMI-NIS6201 Datasheet
44Kb / 4P
Floating, Regulated Charge Pump
May, 2004 ??Rev. P2
logo
Advanced Analog Technol...
AAT3111 AAT-AAT3111 Datasheet
351Kb / 16P
MicroPower??Regulated Charge Pump
3111.2006.06.1.3
logo
BCD Semiconductor Manuf...
AP3602A BCDSEMI-AP3602A Datasheet
296Kb / 17P
100mA REGULATED CHARGE PUMP
logo
Analog Microelectronics
AME7730 AME-AME7730 Datasheet
163Kb / 12P
100mA Regulated Charge Pump
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
High Efficiency 2X charge Pump
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
MicroPower Regulated Charge Pump
logo
New Japan Radio
NJW4191 NJRC-NJW4191_13 Datasheet
72Kb / 7P
Inverting Charge Pump IC
logo
Maxim Integrated Produc...
MAX889R MAXIM-MAX889R Datasheet
306Kb / 8P
Inverting Charge Pump
Rev 0; 7/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com