Electronic Components Datasheet Search
  English  ▼

X  

MAX868C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX868C/D
Description  Regulated, Adjustable -2x Inverting Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX868C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX868C/D Datasheet HTML 1Page - Maxim Integrated Products MAX868C/D Datasheet HTML 2Page - Maxim Integrated Products MAX868C/D Datasheet HTML 3Page - Maxim Integrated Products MAX868C/D Datasheet HTML 4Page - Maxim Integrated Products MAX868C/D Datasheet HTML 5Page - Maxim Integrated Products MAX868C/D Datasheet HTML 6Page - Maxim Integrated Products MAX868C/D Datasheet HTML 7Page - Maxim Integrated Products MAX868C/D Datasheet HTML 8Page - Maxim Integrated Products MAX868C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Regulated, Adjustable -2x
Inverting Charge Pump
4
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(Circuit of Figure 5, TA = +25°C, unless otherwise noted.)
0
0.01
1
0.1
10
100
EFFICIENCY vs. LOAD CURRENT
(VIN = 5V)
10
LOAD CURRENT (mA)
50
40
30
20
60
70
80
VOUT = -5V
VOUT = -7.5V
VOUT = -3.3V
0
0.01
1
0.1
10
100
EFFICIENCY vs. LOAD CURRENT
(VIN = 3.3V)
10
LOAD CURRENT (mA)
50
40
30
20
60
70
80
VOUT = -5V
VOUT = -3.3V
0
0.01
1
0.1
10
100
EFFICIENCY vs. LOAD CURRENT
(VIN = 5V)
10
LOAD CURRENT (mA)
50
40
30
20
60
70
80
CIRCUIT OF FIGURE 6
VOUT = -2.5V
VOUT = -3.3V
0
60
40
20
100
80
180
160
140
120
200
-40
-20
0
20
40
60
80
100
OPEN-LOOP OUTPUT IMPEDANCE
vs. TEMPERATURE
(FB = IN, VOUT = -2 x VIN)
TEMPERATURE (°C)
VIN = 2V
VIN = 3.3V
VIN = 5V
20
µs/div
20mV/div
VIN = 3.3V, VOUT = -3.3V, ILOAD = 5mA,
VOUT AC COUPLED (20mV/div), COUT = 10µF CERAMIC
OUTPUT VOLTAGE RIPPLE
(COUT = 10µF CERAMIC)
0
60
40
20
100
80
180
160
140
120
200
-40
-20
0
20
40
60
80
100
OPEN-LOOP OUTPUT IMPEDANCE
vs. TEMPERATURE
(FB = IN, VOUT = -VIN)
TEMPERATURE (°C)
VIN = 2V
CIRCUIT OF FIGURE 6
VIN = 3.3V
VIN = 5V
20
µs/div
20mV/div
VIN = 3.3V, VOUT = -3.3V, ILOAD = 5mA,
VOUT AC COUPLED (20mV/div), COUT = 10µF (AVX TPS)
OUTPUT VOLTAGE RIPPLE
(COUT = 10µF TANTALUM)
20
µs/div
20mV/div
VIN = 3.3V, VOUT = -3.3V, ILOAD = 5mA,
VOUT AC COUPLED (20mV/div), COUT = 2.2µF CERAMIC
OUTPUT VOLTAGE RIPPLE
200
µs/div
10mA/div
20mV/div
VIN = 5V, VOUT = -5V, IOUT = 1mA TO 11mA STEP
LOAD-TRANSIENT RESPONSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com