Electronic Components Datasheet Search
  English  ▼

X  

MAX868C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX868C/D
Description  Regulated, Adjustable -2x Inverting Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX868C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX868C/D Datasheet HTML 1Page - Maxim Integrated Products MAX868C/D Datasheet HTML 2Page - Maxim Integrated Products MAX868C/D Datasheet HTML 3Page - Maxim Integrated Products MAX868C/D Datasheet HTML 4Page - Maxim Integrated Products MAX868C/D Datasheet HTML 5Page - Maxim Integrated Products MAX868C/D Datasheet HTML 6Page - Maxim Integrated Products MAX868C/D Datasheet HTML 7Page - Maxim Integrated Products MAX868C/D Datasheet HTML 8Page - Maxim Integrated Products MAX868C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Detailed Description
The MAX868 inverting charge pump uses pulse-
frequency-modulation (PFM) control to generate a reg-
ulated negative output voltage up to -2 x VIN. PFM
operation is obtained by enabling the internal 450kHz
oscillator as needed to maintain output voltage regula-
tion. This control scheme reduces supply current at
light loads and permits the use of small capacitors.
The functional diagram shown in Figure 1 indicates the
two phases of MAX868 operation: charge phase (
Φ1)
and discharge phase (
Φ2). In charge phase, the
switches on the left-hand side close, and the switches
on the right-hand side open. In the discharge phase,
the inverse occurs.
Figure 2 illustrates that in charge phase, both flying
capacitors are charged in parallel. The load is serviced
entirely by the charge stored in the output capacitor.
Figure 3 demonstrates the series connection of the fly-
ing capacitors in the discharge phase. The series com-
bination of the flying capacitors, when connected to the
output capacitor, transfers charge to the output in order
to maintain output voltage regulation. In normal opera-
tion, the MAX868 operates predominantly in charge
phase, switching to discharge phase only as needed to
maintain a regulated output.
Regulated, Adjustable -2x
Inverting Charge Pump
_______________________________________________________________________________________
5
Pin Description
Active-Low Shutdown Input. Connect SHDN to GND to put the MAX868 in shutdown mode and reduce sup-
ply current to 0.1µA. Connect to IN for normal operation. OUT is actively pulled to GND in shutdown.
SHDN
9
Feedback Input. Connect FB to a resistor divider for a regulated output voltage. Connect to IN to generate
an unregulated -2 x VIN output voltage.
FB
10
Positive Terminal of Flying Capacitor C1
C1+
5
Negative Terminal of Flying Capacitor C2
C2-
6
Supply-Voltage Input. Input voltage range is 1.8V to 5.5V.
IN
7
Positive Terminal of Flying Capacitor C2
C2+
8
Power Ground
PGND
4
Negative Terminal of Flying Capacitor C1
C1-
3
PIN
Charge-Pump Output
OUT
2
Analog Ground
GND
1
FUNCTION
NAME
VREF
COUT
OUT
C2-
C1+
C1-
FB
Φ1
Φ2
OSCILLATOR
C2+
IN
SHDN
Figure 1. Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com