Electronic Components Datasheet Search
  English  ▼

X  

MAX878C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX878C/D
Description  5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX878C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX878C/D Datasheet HTML 1Page - Maxim Integrated Products MAX878C/D Datasheet HTML 2Page - Maxim Integrated Products MAX878C/D Datasheet HTML 3Page - Maxim Integrated Products MAX878C/D Datasheet HTML 4Page - Maxim Integrated Products MAX878C/D Datasheet HTML 5Page - Maxim Integrated Products MAX878C/D Datasheet HTML 6Page - Maxim Integrated Products MAX878C/D Datasheet HTML 7Page - Maxim Integrated Products MAX878C/D Datasheet HTML 8Page - Maxim Integrated Products MAX878C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX877/MAX878/MAX879 are pulse-skipping, step-
up/step-down DC-DC converters that provide a regulated
output from inputs both above and below the output. They
require only three external components—an inductor
(typically 22µH) and two filter capacitors.
The MAX877 delivers a regulated 5V output from 2.5V to
6.2V inputs. The MAX878 generates pin-selectable volt-
ages of 3.0V or 3.3V from 1.5V to 6.2V inputs. The MAX879
output can be adjusted from 2.5V to 6V via an external
resistor divider from 2.5V to 6.2V inputs.
A unique high-power, internal, synchronous rectifier design
(Active Rectifier™) enables the devices to regulate in a
switched linear mode if the input voltage is higher than the
desired output voltage. When the input voltage falls below
the output voltage, the MAX877/MAX878/MAX879 will
smoothly switch into a pulse-skipping boost mode and
step up from input voltages as low as 1V. In shutdown, the
active rectifier disconnects the output from the source. This
stops the current drain from input to output associated with
conventional step-up converters.
High-frequency operation (up to 300kHz) allows the use of
small surface-mount inductors. Supply current is 195µA
under no load, and only 20µA in shutdown mode. For 1-cell
(1V) step-up converters with similar performance and the
same pinout, refer to the MAX777/MAX778/MAX779 data
sheet.
________________________Applications
Two or Three NiCd Cells to 3V/3.3V Conversion
Three or Four Alkaline Cells to 5V Conversion
One Lithium Cell to 3V/3.3V Conversion
Pagers
Palmtop and Notebook Computers
Battery-Powered and Hand-Held Instruments
____________________________Features
o Regulates from Inputs Above & Below the Output
o 1V to 6.2V Supply-Voltage Range
o Internal 1A Active Rectifier with Input-to-Output
Disconnect in Shutdown
o Up to 210mA Load Currents, Guaranteed
o 85% Efficiency
o Only 3 External Components
o Adjustable Current Limit
o 195µA Quiescent Supply Current
o 20µA Shutdown Supply Current
o 3V/3.3V/5V and Adjustable Output Voltage Versions
o Available in 8-Pin DIP and SO Packages
______________Ordering Information
Ordering Information continued on last page.
* Contact factory for dice specifications.
5V/3.3V/3V/Adjustable-Output,
Step-Up/Step-Down DC-DC Converters
________________________________________________________________
Maxim Integrated Products
1
INPUT
1.8V TO 6.2V
IN
ILIM
SHDN
100µF
OUTPUT
3.3V
210mA
AGND
MAX878
LX
OUT
PGND
22µH
ON/OFF
22
µF
1
2
7
8
3
6
5
SEL
4
__________________Pin Configuration
1
2
3
4
DIP/SO
TOP VIEW
MAX877
MAX878
MAX879
8
7
6
5
N.C. (MAX877)*
SHDN
OUT
LX
ILIM
IN
AGND
PGND
* SEL (MAX878), FB (MAX879)
__________Typical Operating Circuit
Call toll free 1-800-998-8800 for free samples or literature.
19-0204; Rev 1; 5/94
PART
TEMP. RANGE
PIN-PACKAGE
MAX877CPA
0°C to +70°C
8 Plastic DIP
MAX877CSA
0°C to +70°C
8 SO
MAX877C/D
0°C to +70°C
Dice*
MAX877ESA
-40°C to +85°C
8 SO
MAX877EPA
-40°C to +85°C
8 Plastic DIP
MAX877MJA
-55°C to +125°C
8 CERDIP
™ Active Rectifier is a trademark of Maxim Integrated Products.
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET


Similar Part No. - MAX878C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8784 MAXIM-MAX8784 Datasheet
963Kb / 24P
Step-Up Regulator, Internal Charge Pumps, Switch Control, and Operational Amplifier for TFT LCDs
Rev 0; 1/07
MAX8784ETL+ MAXIM-MAX8784ETL+ Datasheet
963Kb / 24P
Step-Up Regulator, Internal Charge Pumps, Switch Control, and Operational Amplifier for TFT LCDs
Rev 0; 1/07
MAX8784EVKIT MAXIM-MAX8784EVKIT Datasheet
458Kb / 24P
Step-Up Regulator, Internal Charge Pumps, Switch Control, and Operational Amplifier for TFT LCDs
Rev 0; 1/07
MAX8785A MAXIM-MAX8785A Datasheet
186Kb / 7P
10:1 Digital Pulse-Width Modulation (DPWM)
Rev 2; 11/09
MAX8785AEVKIT MAXIM-MAX8785AEVKIT Datasheet
186Kb / 7P
10:1 Digital Pulse-Width Modulation (DPWM)
Rev 2; 11/09
More results

Similar Description - MAX878C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX731 MAXIM-MAX731 Datasheet
490Kb / 12P
5V/Adjustable Step-Up Current-Mode DC-DC Converters
19-4672; Rev 3; 3/96
MAX756 MAXIM-MAX756 Datasheet
111Kb / 8P
3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
Rev. 2; 1/95
MAX777L MAXIM-MAX777L Datasheet
117Kb / 12P
Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters
Rev 2; 7/96
MAX830 MAXIM-MAX830 Datasheet
43Kb / 5P
5V/3.3V/3V/Adjustable-Output, 1A, Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 2; 6/95
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
MAX777 MAXIM-MAX777 Datasheet
215Kb / 3P
Low-Voltage-Input, 3V/3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
8/93
MAX639 MAXIM-MAX639_05 Datasheet
778Kb / 13P
5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Rev 4; 7/05
MAX752CWE MAXIM-MAX752CWE Datasheet
493Kb / 12P
5V/Adjustable Step-Up Current-Mode DC-DC Converters
Rev 3; 3/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com