Electronic Components Datasheet Search
  English  ▼

X  

MAX878C/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX878C/D
Description  5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX878C/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX878C/D Datasheet HTML 4Page - Maxim Integrated Products MAX878C/D Datasheet HTML 5Page - Maxim Integrated Products MAX878C/D Datasheet HTML 6Page - Maxim Integrated Products MAX878C/D Datasheet HTML 7Page - Maxim Integrated Products MAX878C/D Datasheet HTML 8Page - Maxim Integrated Products MAX878C/D Datasheet HTML 9Page - Maxim Integrated Products MAX878C/D Datasheet HTML 10Page - Maxim Integrated Products MAX878C/D Datasheet HTML 11Page - Maxim Integrated Products MAX878C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
5V/3.3V/3V/Adjustable-Output,
Step-Up/Step-Down DC-DC Converters
______________________________________________________________________________________
11
__Ordering Information (continued)
___________________Chip Topography
SHDN
OUT
IN
AGND
PGND
ILIM
VREF
N.C. (MAX877)
SEL (MAX878)
FB (MAX879)
LX
0.084"
(2.134mm)
0.068"
(1.727mm)
TRANSISTOR COUNT: 170
SUBSTRATE CONNECTED TO AGND
PART
TEMP. RANGE
PIN-PACKAGE
MAX878CPA
0°C to +70°C
8 Plastic DIP
MAX878CSA
0°C to +70°C
8 SO
MAX878C/D
0°C to +70°C
Dice*
MAX878ESA
-40°C to +85°C
8 SO
MAX878EPA
-40°C to +85°C
8 Plastic DIP
MAX878MJA
-55°C to +125°C
8 CERDIP
MAX879CPA
0°C to +70°C
8 Plastic DIP
MAX879CSA
0°C to +70°C
8 SO
MAX879C/D
0°C to +70°C
Dice*
MAX879EPA
-40°C to +85°C
8 Plastic DIP
MAX879ESA
-40°C to +85°C
8 SO
MAX879MJA
-55°C to +125°C
8 CERDIP
* Contact factory for dice specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com