Electronic Components Datasheet Search
  English  ▼

X  

MAX878C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX878C/D
Description  5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX878C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX878C/D Datasheet HTML 4Page - Maxim Integrated Products MAX878C/D Datasheet HTML 5Page - Maxim Integrated Products MAX878C/D Datasheet HTML 6Page - Maxim Integrated Products MAX878C/D Datasheet HTML 7Page - Maxim Integrated Products MAX878C/D Datasheet HTML 8Page - Maxim Integrated Products MAX878C/D Datasheet HTML 9Page - Maxim Integrated Products MAX878C/D Datasheet HTML 10Page - Maxim Integrated Products MAX878C/D Datasheet HTML 11Page - Maxim Integrated Products MAX878C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Layout
The MAX877/MAX878/MAX879’s high peak currents
and high-frequency operation make PC layout impor-
tant for minimum ground bounce and noise. Locate
input bypass and output filter capacitors close to the
device pins. All connections to the FB pin (MAX879)
should also be kept as short as possible. A ground
plane is recommended. Solder AGND (pin 3) and
PGND (pin 4) directly to the ground plane. Refer to the
MAX877/MAX878/MAX879 evaluation kit (EV kit) manu-
al for a suggested surface-mount layout.
5V/3.3V/3V/Adjustable-Output,
Step-Up/Step-Down DC-DC Converters
10
______________________________________________________________________________________
Table 1. Component Suppliers
INDUCTORS
CAPACITORS
Sumida
CD54-220 (22µH)
Murata-Erie
LQHYN1501K04M00-D5 (15µH)
CoilCraft DO3316-223 (22µH)
Coiltronics
CTX20-1 (22µH)
Sprague
595D
Sprague
695D
Matsuo
267 series
AVX
TPS series
Surface Mount
Sanyo
OS-CON
(low-ESR organic
semiconductor)
Sumida
RCH654-220 (22µH)
Miniature
Through-Hole
PRODUCTION METHOD
Nichicon
PL series
(low-ESR electrolytic)
United Chemi-Con
LXF series
Renco
RL 1284-22 (22µH)
CoilCraft
PCH-27-223 (22µH)
Low-Cost
Through-Hole
FAX (207) 283-1941
FAX (708) 639-1469
FAX (407) 241-9339
FAX (714) 960-6492
FAX (814) 238-0490
FAX (708) 843-2798
FAX (81) 7-5256-4158
FAX (516) 586-5562
FAX (619) 661-1055
FAX (0720) 70-1174
FAX (603) 224-1430
FAX (708) 956-0702
FAX (81) 2070-1174
FAX (714) 255-9400
(207) 282-5111
(708) 639-6400
(407) 241-7876
(714) 969-2491
(06) 332-0871
(800) 831-9172
(708) 843-7500
(81) 7-5231-8461
(516) 586-5566
(619) 661-6835
(0720) 70-1005
(603) 224-1961
(708) 956-0666
(81) 3607-5111
(714) 255-9500
USA:
USA:
USA:
USA:
Japan:
USA:
USA:
Japan:
USA:
USA:
Japan:
USA:
USA:
Japan:
USA:
AVX
CoilCraft
Coiltronics
Matsuo
Murata-Erie
Nichicon
Renco
Sanyo
Sprague
Sumida
United Chemi-Con



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com