Electronic Components Datasheet Search
  English  ▼

X  

MAX883C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX883C/D
Description  5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX883C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX883C/D Datasheet HTML 5Page - Maxim Integrated Products MAX883C/D Datasheet HTML 6Page - Maxim Integrated Products MAX883C/D Datasheet HTML 7Page - Maxim Integrated Products MAX883C/D Datasheet HTML 8Page - Maxim Integrated Products MAX883C/D Datasheet HTML 9Page - Maxim Integrated Products MAX883C/D Datasheet HTML 10Page - Maxim Integrated Products MAX883C/D Datasheet HTML 11Page - Maxim Integrated Products MAX883C/D Datasheet HTML 12Page - Maxim Integrated Products MAX883C/D Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
5V/3.3V or Adjustable, Low-Dropout,
Low IQ, 200mA Linear Regulators
_______________________________________________________________________________________
9
Foldback Current Limiting
The MAX882/MAX883/MAX884 also include a foldback
current limiter. It monitors and controls the pass transis-
tor’s gate voltage, estimating the output current and
limiting it to 430mA for output voltages above 0.8V and
(VIN - VOUT) > 0.7V. If the output voltage drops below
0.8V, implying a short-circuit condition, the output cur-
rent is limited to 170mA. The output can be shorted to
ground for 1 minute without damaging the device if the
package can dissipate (VIN x 170mA) without exceed-
ing TJ = +150°C. When the output is greater than 0.8V
and (VIN - VOUT) < 0.7V (dropout operation), no current
limiting is allowed, to provide maximum load drive.
Thermal Overload Protection
Thermal overload protection limits total power dissipa-
tion in the MAX882/MAX883/MAX884. When the junc-
tion temperature exceeds TJ =+160°C, the thermal
sensor sends a signal to the shutdown logic, turning off
the pass transistor and allowing the IC to cool. The
thermal sensor turns the pass transistor on again after
the IC’s junction temperature cools by 10°C, resulting in
a pulsed output during thermal overload conditions.
Thermal overload protection is designed to protect the
MAX882/MAX883/MAX884 if fault conditions occur. It is
not intended to be used as an operating mode.
Prolonged operation in thermal shutdown mode may
reduce the IC’s reliability. For continual operation, do
not exceed the absolute maximum junction temperature
rating of TJ = +150°C.
Power Dissipation and Operating Region
Maximum power dissipation of the MAX882/MAX883/
MAX884 depends on the thermal resistance of the case
and circuit board, the temperature difference between
the die junction and ambient air, and the rate of
air flow. The power dissipation across the device is
P = IOUT (VIN - VOUT). The resulting power dissipation
is as follows:
where (TJ - TA) is the temperature difference between
the MAX882/MAX883/MAX884 die junction and the sur-
rounding air,
θJB (or θJC) is the thermal resistance of
the package chosen, and
θBA is the thermal resistance
through the printed circuit board, copper traces, and
other materials to the surrounding air.
The 8-pin small-outline package for the MAX882/
MAX883/MAX884 features a special lead frame with a
lower thermal resistance and higher allowable power
dissipation. This package’s thermal resistance package
is
θJB = 53°C/W, compared with θJB = 110°C/W for an
8-pin plastic DIP package and
θJB = 125°C/W for an 8-
pin ceramic DIP package.
P
(T
T )
()
JA
JB
BA
=
−
+
θθ
Figure 2. Adjustable Output Using External Feedback
Resistors
Figure 3. Setting an Undervoltage Lockout Threshold Using
STBY
MAX882
MAX883
MAX884
CIN
O.1
µF
COUT
2.2
µF
OUTPUT
VOLTAGE
INPUT
VOLTAGE
LBI
OFF
(STBY)
( ) ARE FOR MAX882
IN
R1
R2
R1 + R2
R2
VOUT = VSET
, VSET = 1.20V
LOAD
OUT
GND
SET
MAX882
CIN
O.1
µF
COUT
2.2
µF
OUTPUT
VOLTAGE
INPUT
VOLTAGE
LBI
SET
STBY
IN
R1
R2
R1+ R2
R2
VSTBY TRIP = VSTBY
, VSTBY = 1.20V
OUT
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com