Electronic Components Datasheet Search
  English  ▼

X  

MAX883C/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX883C/D
Description  5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX883C/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX883C/D Datasheet HTML 8Page - Maxim Integrated Products MAX883C/D Datasheet HTML 9Page - Maxim Integrated Products MAX883C/D Datasheet HTML 10Page - Maxim Integrated Products MAX883C/D Datasheet HTML 11Page - Maxim Integrated Products MAX883C/D Datasheet HTML 12Page - Maxim Integrated Products MAX883C/D Datasheet HTML 13Page - Maxim Integrated Products MAX883C/D Datasheet HTML 14Page - Maxim Integrated Products MAX883C/D Datasheet HTML 15Page - Maxim Integrated Products MAX883C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
5V/3.3V or Adjustable, Low-Dropout,
Low IQ, 200mA Linear Regulators
12
______________________________________________________________________________________
The filter capacitor’s size depends primarily on the
desired power-up time and load-transient responses.
Load-transient response is improved by using larger
output capacitors.
The output capacitor’s equivalent series resistance
(ESR) will not affect stability as long as you observe the
minimum capacitance requirement. The type of capaci-
tor selected is not critical, but it must remain above the
minimum value over the full operating temperature
range.
Input Bypass Capacitor
Normally, use 0.1µF to 10µF capacitors on the MAX882/
MAX883/MAX884 input. The best value depends pri-
marily on the power-up slew rate of VIN, and on load
and line transients. Larger input capacitor values pro-
vide better supply-noise rejection and line-transient
response, as well as improved performance, when the
supply has a high AC impedance. The type of input
bypass capacitor used is not critical.
Noise
The MAX882/MAX883/MAX884 exhibit up to 4mVp-p of
noise during normal operation. This is negligible in
most applications. When using the MAX882/MAX883/
MAX884 for applications that include analog-to-digital
converters (ADCs) with resolutions greater than 12 bits,
consider the ADC’s power-supply rejection specifica-
tions. Refer to the output noise plot in the
Typical
Operating Characteristics section.
PSRR and Operation from
Sources Other than Batteries
The MAX882/MAX883/MAX884 are designed to
achieve low dropout voltages and low quiescent cur-
rents in battery-powered systems. However, to gain
these benefits, the devices must trade away power-
supply noise rejection, as well as swift response to sup-
ply variations and load transients. For a 1mA load
current, power-supply rejection ranges from 60dB
down to 20dB at 2kHz. At higher frequencies, the cir-
cuit depends primarily on the characteristics of the out-
put capacitor, and the PSRR increases (Figure 8).
0
60
50
40
30
20
10
101
102
103
104
105
106
FREQUENCY (Hz)
A: COUT = 1µF
B: COUT = 10µF
C: COUT = 100µF
A
B
C
MAX883
∆VIN = 1VP-P
CIN = 0µF
IOUT = 100mA
0
80
70
60
50
40
30
20
10
100
101
102
103
104
105
106
FREQUENCY (Hz)
IOUT = 1mA
IOUT = 100mA
MAX884
∆VIN = 1VP-P
CIN = 0µF
COUT = 2.2µF
Figure 8b. Power-Supply Rejection Ratio vs. Ripple Frequency
for Various Output Capacitances
Figure 8a. Power-Supply Rejection Ratio vs. Ripple Frequency
for Light and Heavy Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com