Electronic Components Datasheet Search
  English  ▼

X  

MAX883C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX883C/D
Description  5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX883C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX883C/D Datasheet HTML 2Page - Maxim Integrated Products MAX883C/D Datasheet HTML 3Page - Maxim Integrated Products MAX883C/D Datasheet HTML 4Page - Maxim Integrated Products MAX883C/D Datasheet HTML 5Page - Maxim Integrated Products MAX883C/D Datasheet HTML 6Page - Maxim Integrated Products MAX883C/D Datasheet HTML 7Page - Maxim Integrated Products MAX883C/D Datasheet HTML 8Page - Maxim Integrated Products MAX883C/D Datasheet HTML 9Page - Maxim Integrated Products MAX883C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
5V/3.3V or Adjustable, Low-Dropout,
Low IQ, 200mA Linear Regulators
6
_______________________________________________________________________________________
LINE-TRANSIENT RESPONSE
500
µs/div
MAX883: VOUT = 5V, CIN = 0µF, tR = 15µs, tF = 13µs
A: VIN = 8V (HIGH) / VIN = 7V (LOW)
B: OUTPUT VOLTAGE (100mV/div)
B
A
LOAD-TRANSIENT RESPONSE
1ms/div
MAX883: VOUT = 5V, tR = 24µs, tF = 44µs
A: OUTPUT VOLTAGE (100mV/div)
B: IOUT = 250mA (HIGH) / IOUT = 50mA (LOW)
B
A
OVERSHOOT AND TIME
EXITING SHUTDOWN MODE
RL = 100Ω
500
µs/div
A: OFF PIN VOLTAGE (1V/div):
RISE TIME = 9
µs
B: MAX883 OUTPUT VOLTAGE (1V/div):
DELAY = 135
µs, RISE TIME = 67µs,
OVERSHOOT = 0%
0V
5V
A
B
0
1
2
3
4
5
0.1
1
10
50
LBO LOW VOLTAGE
vs. SINK CURRENT
SINK CURRENT (mA)
MAX882/MAX884
MAX883
____________________________Typical Operating Characteristics (continued)
(VIN = 7V for MAX883, VIN = 5.3V for MAX882/MAX884, OFF or STBY = VIN, SET = GND, LBI = VIN, LBO = OPEN, CIN = COUT = 2.2µF,
RL = 1kΩ, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com