Electronic Components Datasheet Search
  English  ▼

X  

MAX884MJA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX884MJA
Description  5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX884MJA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX884MJA Datasheet HTML 4Page - Maxim Integrated Products MAX884MJA Datasheet HTML 5Page - Maxim Integrated Products MAX884MJA Datasheet HTML 6Page - Maxim Integrated Products MAX884MJA Datasheet HTML 7Page - Maxim Integrated Products MAX884MJA Datasheet HTML 8Page - Maxim Integrated Products MAX884MJA Datasheet HTML 9Page - Maxim Integrated Products MAX884MJA Datasheet HTML 10Page - Maxim Integrated Products MAX884MJA Datasheet HTML 11Page - Maxim Integrated Products MAX884MJA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
5V/3.3V or Adjustable, Low-Dropout,
Low IQ, 200mA Linear Regulators
8
_______________________________________________________________________________________
In adjustable mode, the user selects an output voltage
in the 1.25V to 11V range by connecting two external
resistors, used as a voltage divider, to the SET pin
(Figure 2).
The output voltage is set by the following equation:
where VSET = 1.20V.
To simplify resistor selection:
Since the input bias current at SET is nominally zero,
large resistance values can be used for R1 and R2 to
minimize power consumption without losing accuracy.
Up to 1.5M
Ω is acceptable for R2. Since the VSET toler-
ance is less than ±40mV, the output can be set using
fixed resistors instead of trim pots.
Standby Mode (MAX882)
The MAX882 has a standby feature that disconnects
the input from the output when STBY is brought low, but
keeps all other circuitry awake. In this mode, VOUT
drops to 0V, and the internal biasing circuitry (including
the low-battery comparator) remains on. The maximum
quiescent current during standby is 15µA. STBY is a
comparator input with the other input internally tied to
the reference voltage. Use a resistor network as shown
in Figure 3 to set a standby-mode threshold voltage for
undervoltage lockout. Connect STBY to IN for normal
operation.
OFF Mode (MAX883/MAX884)
A low-logic input on the OFF pin shuts down the
MAX883/MAX884. In this mode, the pass transistor,
control circuit, reference, and all biases are turned off,
and the supply current is reduced to less than 1µA.
LBO is undefined in OFF mode. Connect OFF to IN for
normal operation.
R1
R2
V
V
1
OUT
SET
=−


VV
R
R
OUT
SET
=+


1
1
2
Figure 1. MAX882/MAX883/MAX884 Functional Diagram
P
OUT
SET
R1
R2
65mV
ERROR AMP
OFF
(STBY)
GND
LBO
LBI
N
IN
MOSFET DRIVER
WITH FOLDBACK
CURRENT LIMIT
REVERSE-
CURRENT
PROTECTION
SHUT-
DOWN
LOGIC
1.20V
REFERENCE
THERMAL
SENSOR
( ) ARE FOR MAX882
DUAL-MODE
COMPARATOR
LOW-BATTERY
COMPARATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com