Electronic Components Datasheet Search
  English  ▼

X  

MAX884MJA Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX884MJA
Description  5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX884MJA Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX884MJA Datasheet HTML 8Page - Maxim Integrated Products MAX884MJA Datasheet HTML 9Page - Maxim Integrated Products MAX884MJA Datasheet HTML 10Page - Maxim Integrated Products MAX884MJA Datasheet HTML 11Page - Maxim Integrated Products MAX884MJA Datasheet HTML 12Page - Maxim Integrated Products MAX884MJA Datasheet HTML 13Page - Maxim Integrated Products MAX884MJA Datasheet HTML 14Page - Maxim Integrated Products MAX884MJA Datasheet HTML 15Page - Maxim Integrated Products MAX884MJA Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1995 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
5V/3.3V or Adjustable, Low-Dropout,
Low IQ, 200mA Linear Regulators
___________________________________________Package Information (continued)
C
0°-15°
A
D
B1
B
DIM
A
B
B1
C
E
E1
e
L
L1
Q
S
S1
MIN
–
0.014
0.038
0.008
0.220
0.290
0.125
0.150
0.015
–
0.005
MAX
0.200
0.023
0.065
0.015
0.310
0.320
0.200
–
0.070
0.098
–
MIN
–
0.36
0.97
0.20
5.59
7.37
3.18
3.81
0.38
–
0.13
MAX
5.08
0.58
1.65
0.38
7.87
8.13
5.08
–
1.78
2.49
–
2.54
0.100
Q
L
S1
e
CERDIP
CERAMIC DUAL-IN-LINE
PACKAGE
(0.300 in.)
S
L1
E
E1
PINS
8
14
16
18
20
24
DIM
D
D
D
D
D
D
MIN
–
–
–
–
–
–
MAX
0.405
0.785
0.840
0.960
1.060
1.280
MIN
–
–
–
–
–
–
MAX
10.29
19.94
21.34
24.38
26.92
32.51
INCHES
MILLIMETERS
INCHES
MILLIMETERS
21-0045A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com