Electronic Components Datasheet Search
  English  ▼

X  

MAX884MJA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX884MJA
Description  5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX884MJA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX884MJA Datasheet HTML 1Page - Maxim Integrated Products MAX884MJA Datasheet HTML 2Page - Maxim Integrated Products MAX884MJA Datasheet HTML 3Page - Maxim Integrated Products MAX884MJA Datasheet HTML 4Page - Maxim Integrated Products MAX884MJA Datasheet HTML 5Page - Maxim Integrated Products MAX884MJA Datasheet HTML 6Page - Maxim Integrated Products MAX884MJA Datasheet HTML 7Page - Maxim Integrated Products MAX884MJA Datasheet HTML 8Page - Maxim Integrated Products MAX884MJA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
5V/3.3V or Adjustable, Low-Dropout,
Low IQ, 200mA Linear Regulators
4
_______________________________________________________________________________________
V STBY = VIN or 0V
STBY signal falling
V OFF = VIN or 0V
In on mode, SET = OUT,
6V < VIN < 11.5V
In off mode
In on mode,
SET = OUT, VIN < 6V
10Hz to 10kHz, SET = OUT, RL = 1kΩ,
COUT = 2.2µF
CONDITIONS
µVRMS
250
en
Output Noise (Note 7)
nA
±0.01
±50
ISTBY
STBY Input Leakage Current
mV
7
∆V STBY
V
1.15
1.20
1.25
V STBY
STBY Threshold Voltage
STBY Hysteresis
nA
±0.01
±50
IOFF
OFF Input Leakage Current
V
3.0
OFF Threshold Voltage
0.4
VIL OFF
2.0
VIH OFF
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Note 1:
Electrical specifications are measured by pulse testing and are guaranteed for a junction temperature (TJ) within the
operating temperature range, unless otherwise noted. When operating C and E grade parts up to a TJ of +125°C, expect
performance similar to M grade specifications. For TJ between +125°C and +150°C, the output voltage may drift more.
Note 2:
(VIN - VOUT) is limited to keep the product (IOUT x (VIN - VOUT)) from exceeding the package power dissipation limits. See
Figure 5. Therefore, the combination of high output current and high supply voltage is not tested. Output current at
TJ = +125°C is guaranteed by guard banding tests at TJ = +85°C and +70°C.
Note 3:
Dropout Voltage is (VIN - VOUT) when VOUT falls to 100mV below its nominal value at VIN = (VOUT + 2V). For example, the
MAX883 is tested by measuring the VOUT at VIN = 7V, then VIN is lowered until VOUT falls 100mV below the measured
value. The difference (VIN - VOUT) is then measured and defined as ∆VDO.
Note 4:
Since standby mode inhibits the output but keeps all biasing circuitry alive, the Standby Quiescent Current is similar to the
normal operating quiescent current.
Note 5:
Foldback Current Limit was characterized by pulse testing to remain below the maximum junction temperature (not
production tested).
Note 6:
The Reverse-Current Protection Threshold is the output/input differential voltage (VOUT - VIN) at which reverse-current
protection switchover occurs and the pass transistor is turned off. See the section
Reverse Current Protection in the
Detailed Description.
Note 7:
Noise is tested using a bandpass amplifier with two poles at 10Hz and two poles at 10kHz.
MAX882_A
MAX882_A
MAX882_A
MAX883_A,
MAX884_A
MAX883_A,
MAX884_A
MAX883_A,
MAX884_A
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 6V (MAX883) or VIN = 4.3V (MAX882/MAX884), COUT = 2.2µF, STBY or OFF = VIN, SET = GND, LBI = VIN, TJ = TMIN to TMAX,
unless otherwise noted. Typical values are at TJ = +25°C.) (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com