Electronic Components Datasheet Search
  English  ▼

X  

MAX9021 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9021
Description  Micropower, Ultra-Small, Single/Dual/Quad, Single-Supply Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9021 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9021 Datasheet HTML 1Page - Maxim Integrated Products MAX9021 Datasheet HTML 2Page - Maxim Integrated Products MAX9021 Datasheet HTML 3Page - Maxim Integrated Products MAX9021 Datasheet HTML 4Page - Maxim Integrated Products MAX9021 Datasheet HTML 5Page - Maxim Integrated Products MAX9021 Datasheet HTML 6Page - Maxim Integrated Products MAX9021 Datasheet HTML 7Page - Maxim Integrated Products MAX9021 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Micropower, Ultra-Small, Single/Dual/Quad,
Single-Supply Comparators
_______________________________________________________________________________________
3
Typical Operating Characteristics
(VDD = 5V, VSS = 0, VCM = 0, RL = 10k
Ω, CL = 15pF, VOD = 100mV, TA = +25°C, unless otherwise noted.)
3.0
2.9
2.8
2.7
2.6
24
35
6
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2.5
2.6
2.8
2.7
2.9
3.0
-50
0
-25
25
50
75
100
125
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
1000
1
0.01
1
1000
SUPPLY CURRENT
vs. OUTPUT TRANSITION FREQUENCY
10
100
OUTPUT TRANSITION FREQUENCY (kHz)
0.1
10
100
0
0.4
0.2
0.8
0.6
1.2
1.0
1.4
-50
0
25
-25
50
75
100
125
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
0
100
200
300
400
500
04
26
8
10
OUTPUT HIGH VOLTAGE
vs. SOURCE CURRENT
SOURCE CURRENT (mA)
0
100
200
300
400
500
04
26
8
10
OUTPUT LOW VOLTAGE
vs. SINK CURRENT
SINK CURRENT (mA)
40
45
55
50
60
65
-50
0
-25
25
50
75
100
125
OUTPUT SHORT-CIRCUIT CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
SOURCE CURRENT
SINK CURRENT
0
1
2
3
4
5
0
PROPAGATION DELAY vs. CAPACITIVE LOAD
(VDD = 2.7V)
CAPACITIVE LOAD (pF)
tPD-
tPD+
500
1000
1500
2000
0
1
2
3
4
5
PROPAGATION DELAY vs. CAPACITIVE LOAD
(VDD = 5V)
CAPACITIVE LOAD (pF)
tPD-
0
500
1000
1500
2000
tPD+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com