Electronic Components Datasheet Search
  English  ▼

X  

MAX9021 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9021
Description  Micropower, Ultra-Small, Single/Dual/Quad, Single-Supply Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9021 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX9021 Datasheet HTML 1Page - Maxim Integrated Products MAX9021 Datasheet HTML 2Page - Maxim Integrated Products MAX9021 Datasheet HTML 3Page - Maxim Integrated Products MAX9021 Datasheet HTML 4Page - Maxim Integrated Products MAX9021 Datasheet HTML 5Page - Maxim Integrated Products MAX9021 Datasheet HTML 6Page - Maxim Integrated Products MAX9021 Datasheet HTML 7Page - Maxim Integrated Products MAX9021 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Micropower, Ultra-Small, Single/Dual/Quad,
Single-Supply Comparators
6
_______________________________________________________________________________________
2) The hysteresis band will be:
VHYS = VTH - VTL = VDD(R2 / (R1 + R2))
3) In this example, let VDD = 5V and VREF = 2.5V.
VTH = 2.5V + 2.5V(R2 / (R1 + R2))
and
VTL = 2.5V[(1 - (R2 / (R1 + R2))]
4) Select R2. In this example, we will choose 1k
Ω.
5) Select VHYS. In this example, we will choose 50mV.
6) Solve for R1.
VHYS = VDD(R2 / (R1 + R2))
0.050V = 5(1000
Ω/(R1 + 1000Ω)) V
where R1
≈ 100kΩ, VTH = 2.525V, and VTL = 2.475V.
The above-described design procedure assumes rail-
to-rail output swing. If the output is significantly loaded,
the results should be corrected.
Board Layout and Bypassing
Use 100nF bypass as a starting point. Minimize signal
trace lengths to reduce stray capacitance. Minimize the
capacitive coupling between IN- and OUT. For slow-
moving input signals (rise time > 1ms), use a 1nF
capacitor between IN+ and IN-.
Biasing for Data Recovery
Digital data is often embedded into a bandwidth and
amplitude-limited analog path. Recovering the data can
be difficult. Figure 2 compares the input signal to a
time-averaged version of itself. This self-biases the
threshold to the average input voltage for optimal noise
margin. Even severe phase distortion is eliminated from
the digital output signal. Be sure to choose R1 and C1
so that:
ƒCAR >> 1 / (2
πR1C1)
where ƒCAR is the fundamental carrier frequency of the
digital data stream.
MAX9021
OUT
IN+
IN-
R2
R1
VIN
VREF
VDD
VSS
VDD
Figure 1. Additional Hysteresis
MAX9021
OUT
IN+
IN-
10k
Ω
0.1
µF
VDD
VIN
VSS
VDD
Figure 2. Time Averaging of the Input Signal for Data Recovery



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com