Electronic Components Datasheet Search
  English  ▼

X  

MAX9021 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9021
Description  Micropower, Ultra-Small, Single/Dual/Quad, Single-Supply Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9021 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9021 Datasheet HTML 1Page - Maxim Integrated Products MAX9021 Datasheet HTML 2Page - Maxim Integrated Products MAX9021 Datasheet HTML 3Page - Maxim Integrated Products MAX9021 Datasheet HTML 4Page - Maxim Integrated Products MAX9021 Datasheet HTML 5Page - Maxim Integrated Products MAX9021 Datasheet HTML 6Page - Maxim Integrated Products MAX9021 Datasheet HTML 7Page - Maxim Integrated Products MAX9021 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Micropower, Ultra-Small, Single/Dual/Quad,
Single-Supply Comparators
_______________________________________________________________________________________
5
Detailed Description
The MAX9021/MAX9022/MAX9024 are single/dual/
quad, low-cost, low-power comparators that consume
only 2.8µA and provide a propagation delay, tPD, typi-
cally 3µs. They have an operating-supply voltage from
2.5V to 5.5V when operating from a single supply and
from ±1.25V to ±2.75V when operating from dual power
supplies. Their common-mode input voltage range
extends from the negative supply to within 1.1V of the
positive supply. Internal hysteresis ensures clean out-
put switching, even with slow-moving input signals.
Applications Information
Adding Hysteresis
Hysteresis extends the comparator’s noise margin by
increasing the upper threshold and decreasing the
lower threshold. A voltage-divider from the compara-
tor’s output sets the trip voltage. Therefore, the trip volt-
age is related to the output voltage.
These comparators have 4mV internal hysteresis.
Additional hysteresis can be generated with two resis-
tors, using positive feedback (Figure 1). Use the follow-
ing procedure to calculate resistor values:
1) Find the trip points of the comparator using these for-
mulas:
VTH = VREF + ((VDD - VREF)R2) / (R1 + R2)
VTL = VREF(1 - (R2 / (R1 + R2))
where VTH is the threshold voltage at which the com-
parator switches its output from high to low as VIN
rises above the trip point. VTL is the threshold volt-
age at which the comparator switches its output from
low to high as VIN drops below the trip point.
Pin Description
PIN
MAX9021
MAX9022
MAX9024
NAME
FUNCTION
1
——
IN+
Comparator Noninverting Input
2
4
11
VSS
Negative Supply Voltage
3
——
IN-
Comparator Inverting Input
4
——
OUT
Comparator Output
58
4
VDD
Positive Supply Voltage. Bypass with a 0.1µF capacitor to GND.
—
1
1
OUTA
Comparator A Output
—
2
2
INA-
Comparator A Inverting Input
—
3
3
INA+
Comparator A Noninverting Input
—
5
5
INB+
Comparator B Noninverting Input
—
6
6
INB-
Comparator B Inverting Input
—
7
7
OUTB
Comparator B Output
——
8
OUTC
Comparator C Output
——
9
INC-
Comparator C Inverting Input
——
10
INC+
Comparator C Noninverting Input
——
12
IND+
Comparator D Noninverting Input
——
13
IND-
Comparator D Inverting Input
——
14
OUTD
Comparator D Output



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com