Electronic Components Datasheet Search
  English  ▼

X  

MAX9012ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9012ESA
Description  SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9012ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9012ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9012ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9012ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9012ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9012ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9012ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9012ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9012ESA Datasheet HTML 8Page - Maxim Integrated Products MAX9012ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX9010/MAX9011/MAX9013 single and MAX9012
dual, high-speed comparators operate from a single
4.5V to 5.5V power supply and feature low-current con-
sumption. They have precision differential inputs and
TTL outputs. They feature short propagation delay (5ns,
typ), low-supply current, and a wide common-mode
input range that includes ground. They are ideal for low-
power, high-speed, single-supply applications.
The comparator outputs remain stable through the linear
region when driven with slow-moving or low input-over-
drive signals, eliminating the output instability common
to other high-speed comparators. The input voltage
range extends to 200mV below ground with no output
phase reversal. The MAX9013 features complementary
outputs and both the MAX9011/MAX9013 have a latch
enable input (LE). The MAX9013 is an improved plug-in
replacement for the industry-standard MAX913 and
LT1016/LT1116, offering lower power and higher speed
when used in a single 5V supply application.
For space-critical designs, the single MAX9010 is avail-
able in the tiny 6-pin SC70 package. The single
MAX9011 is available in a space-saving 6-pin SOT23
package. The dual MAX9012 and the single MAX9013
are available in 8-pin µMAX and 8-pin SO packages. All
products in the family are guaranteed over the extended
temperature range of -40°C to +85°C.
Applications
High-Speed Signal Squaring
Zero-Crossing Detectors
High-Speed Line Receivers
High-Speed Sampling Circuits
High-Speed Triggers
Fast Pulse-Width/Height Discriminators
____________________________Features
o Ultra-Fast, 5ns Propagation Delay
o Low Quiescent Current:
900µA (MAX9010/MAX9011)
1.3mA (MAX9013)
2.4mA (MAX9012)
o Single-Supply 4.5V to 5.5V Applications
o Input Range Extends Below Ground
o No Minimum Input Signal Slew-Rate Requirement
o No Supply-Current Spikes During Switching
o Stable when Driven with Slow-Moving Inputs
o No Output Phase Reversal for Overdriven Inputs
o TTL-Compatible Outputs (Complementary for
MAX9013)
o Latch Function Included (MAX9011/MAX9013)
o High-Precision Comparators
0.7mV Input Offset Voltage
3.0V/mV Voltage Gain
o Available in Tiny 6-Pin SC70 and SOT23 Packages
SC70, 5ns, Low-Power, Single-Supply,
Precision TTL Comparators
________________________________________________________________ Maxim Integrated Products
1
TOP VIEW
GND
IN-
IN+
16
VCC
5VCC
OUT
SC70
2
34
GND
IN-
IN+
16
VCC
5LE
OUT
SOT23
2
34
MAX9011
+ –
MAX9010
+ –
OUTB
GND
INB-
1
2
8
7
VCC
OUTA
INA-
INB+
INA+
SO/
µMAX
3
4
6
5
GND
LE
N.C.
1
2
8
7
OUT
IN+
IN-
VCC
SO/
µMAX
3
4
6
5
MAX9012
+
_
MAX9013
+
_
+
_
OUT
Pin Configurations
19-1932; Rev 1; 1/02
Ordering Information
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX9010EXT-T
-40°C to +85°C
6 SC70-6
AAA
MAX9011EUT-T
-40°C to +85°C
6 SOT23-6
AADD
MAX9012EUA
-40°C to +85°C
8 µMAX
MAX9012ESA
-40°C to +85°C
8 SO
MAX9013EUA
-40°C to +85°C
8 µMAX
MAX9013ESA
-40°C to +85°C
8 SO
Selector Guide appears at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX9012ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX901 MAXIM-MAX901 Datasheet
162Kb / 12P
High-Speed, Low-Power Voltage Comparators
Rev. 4; 7/01
MAX9015 MAXIM-MAX9015 Datasheet
446Kb / 16P
SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
MAX9015 MAXIM-MAX9015 Datasheet
430Kb / 17P
SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9015 MAXIM-MAX9015 Datasheet
430Kb / 17P
SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
MAX9015A MAXIM-MAX9015A Datasheet
446Kb / 16P
SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
More results

Similar Description - MAX9012ESA

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
Maxim Integrated Produc...
MAX907 MAXIM-MAX907 Datasheet
139Kb / 12P
Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
MAX9107 MAXIM-MAX9107 Datasheet
313Kb / 10P
25ns, Dual/Quad/Single, Low-Power, TTL Comparators
Rev. 0; 5/01
MAX912 MAXIM-MAX912 Datasheet
93Kb / 8P
Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators
Rev 1; 1/94
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
MXL1016 MAXIM-MXL1016 Datasheet
41Kb / 4P
Ultra-Fast Precision TTL Comparators
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
Ultra-Low-Power, Single/Dual-Supply Comparators
logo
Analog Devices
AD8612 AD-AD8612_15 Datasheet
414Kb / 20P
Single-Supply Comparators
REV. A
logo
Silicon Laboratories
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
Ultra-Low-Power, Single/Dual-Supply Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com