Electronic Components Datasheet Search
  English  ▼

X  

MAX9012ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9012ESA
Description  SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9012ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9012ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9012ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9012ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9012ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9012ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9012ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9012ESA Datasheet HTML 8Page - Maxim Integrated Products MAX9012ESA Datasheet HTML 9Page - Maxim Integrated Products MAX9012ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SC70, 5ns, Low-Power, Single-Supply,
Precision TTL Comparators
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = 5V, CL = 15pF, TA = +25°C, unless otherwise noted.)
0
10
10k
1k
100
PROPAGATION DELAY
vs. SOURCE RESISTANCE
15
5
35
25
45
20
10
40
30
SOURCE RESISTANCE (
Ω)
tPD(+)
tPD(-)
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
10
20
30
40
50
60
PROPAGATION DELAY
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
tPD(+)
tPD(-)
6.0
3.5
1
10
100
4.0
OVERDRIVE (mV)
4.5
5.0
5.5
PROPAGATION DELAY
vs. INPUT OVERDRIVE
3.0
tPD(+)
tPD(-)
RESPONSE TO 50MHz
±10mV
SINE WAVE
MAX9010–13 toc07
10ns/div
A
0
B
0
A: Input, 10mV/div
B: Output, 2V/div
RESPONSE TO 10kHz TRIANGLE WAVE
MAX9010–13 toc08
20
µs/div
A
0
B
0
A: Input, 20mV/div
B: Output, 2V/div
-0.9
-0.7
-0.8
-0.5
-0.6
-0.4
-0.3
-40
10
-15
35
60
85
OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
0
0.5
1.5
1.0
2.0
2.5
-3
-1
0
-2
1
2
3
OUTPUT VOLTAGE vs.
DIFFERENTIAL INPUT VOLTAGE
DIFFERENTIAL INPUT VOLTAGE (mV)
TA = +25
°C
TA = +85
°C
TA = -40
°C
0.2
0.3
0.5
0.4
0.6
0.7
-40
10
35
-15
60
85
INPUT BIAS CURRENT vs. TEMPERATURE
TEMPERATURE (
°C )
VCM = -0.2V
VCM = 3.1V
SUPPLY CURRENT vs. SUPPLY VOLTAGE
(PER COMPARATOR)
VCC (V)
5.75
5.50
5.25
5.00
4.75
0.5
1.0
1.5
2.0
2.5
3.0
0
4.50
6.00
TA = +85
°C
TA = +25
°C
TA = -40
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com