Electronic Components Datasheet Search
  English  ▼

X  

CHA7215 Datasheet(PDF) 6 Page - United Monolithic Semiconductors

Part # CHA7215
Description  X-band High Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA7215 Datasheet(HTML) 6 Page - United Monolithic Semiconductors

  CHA7215 Datasheet HTML 1Page - United Monolithic Semiconductors CHA7215 Datasheet HTML 2Page - United Monolithic Semiconductors CHA7215 Datasheet HTML 3Page - United Monolithic Semiconductors CHA7215 Datasheet HTML 4Page - United Monolithic Semiconductors CHA7215 Datasheet HTML 5Page - United Monolithic Semiconductors CHA7215 Datasheet HTML 6Page - United Monolithic Semiconductors CHA7215 Datasheet HTML 7Page - United Monolithic Semiconductors CHA7215 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CHA7215
X-band High Power Amplifier
Ref : DSCHA72159287 - 14 Oct 09
6/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Chip Mechanical Data and Pin references
5 000
000
105
105
3 205
3 205
1 655
1 855
1 655
1 855
2
3
4
5
6
7
8
9 10 11
12
13
14
28 27 26 25 24 23 22 21 20 19
18
17
16
15
1
5 000
000
105
105
3 205
3 205
1 655
1 855
1 655
1 855
2
3
4
5
6
7
8
9 10 11
12
13
14
28 27 26 25 24 23 22 21 20 19
18
17
16
15
1
5 000
000
105
105
3 205
3 205
1 655
1 855
1 655
1 855
2
3
4
5
6
7
8
9 10 11
12
13
14
28 27 26 25 24 23 22 21 20 19
18
17
16
15
1
Chip thickness = 70µm +/- 10 µm
RF pads (1, 15) = (122 x 200) µm²
DC pads (2 to 12, 14, 16, 18 to 28) = (100 x 100) µm²
DC pads (13, 17) = (186 x 100) µm²
Pin number
Pin name
Description
1, 15
IN / OUT
Input / Output RF
3, 8, 12, 18
GiR
Gate supply voltage
4, 6, 10, 14, 16, 20, 24, 26
M
Ground (Not connected)
5, 9, 13, 17, 21, 25
Di
Drain supply voltage
2, 7, 11, 19, 22, 23, 27, 28
Gi / GiR
Not connected



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com