Electronic Components Datasheet Search
  English  ▼

X  

CHA7215 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA7215
Description  X-band High Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA7215 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA7215 Datasheet HTML 1Page - United Monolithic Semiconductors CHA7215 Datasheet HTML 2Page - United Monolithic Semiconductors CHA7215 Datasheet HTML 3Page - United Monolithic Semiconductors CHA7215 Datasheet HTML 4Page - United Monolithic Semiconductors CHA7215 Datasheet HTML 5Page - United Monolithic Semiconductors CHA7215 Datasheet HTML 6Page - United Monolithic Semiconductors CHA7215 Datasheet HTML 7Page - United Monolithic Semiconductors CHA7215 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CHA7215
RoHS COMPLIANT
Ref : DSCHA72159287 - 14 Oct 09
1/8
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
X-band High Power Amplifier
GaAs Monolithic Microwave IC
Description
The CHA7215 is a monolithic three-stage
GaAs high power amplifier designed for X
band applications.
The HPA provides typically 9W output power
associated to 35% power added efficiency at
4dBc and a high robustness on mismatch
load.
This device is manufactured using 0.25 µm
Power pHEMT process, including, via holes
through the substrate and air bridges.
Main Features
0.25 µm Power pHEMT Technology
Frequency band: 8.5 – 11.5GHz
Output power: 39.5dBm at saturation
High linear gain: 28dB
Power added efficiency: 34% @4dBc
Quiescent bias point: Vd=8V, Id=2.3A
Chip size
: 5 x 3.31 x 0.07mm
Output Power versus Frequency @Pin=19dBm
35
35,5
36
36,5
37
37,5
38
38,5
39
39,5
40
40,5
41
8
8,5
9
9,5
10
10,5
11
11,5
12
Frequency (GHz)
Temp=-40°C
Temp=+20°C
Temp=+80°C
Main Characteristics
Vd=8V, Id (Quiescent) = 2.3A, Drain Pulse width = 25µs, Duty cycle = 10%
Symbol
Parameter
Min
Typ
Max
Unit
Top
Operating temperature range
-40
+80
°C
Fop
Operating frequency range
8.5
11.5
GHz
PAE_4dBc
Power added efficiency @4dBc @ 20°C
34
%
Psat
Saturated output power @ 20°C
39.5
dBm
G
Small signal gain @ 20°C
25
28
31
dB
ESD Protections: Electrostatic discharge sensitive device. Observe handling precautions!
●
●
IN
OUT
VG1R
VG2R
VG3R
VD1
VD1
VD2
VD3
VD2
VD3
●
●
●
●
●
●
●
●
●
●
VG3R
●
●
IN
OUT
VG1R
VG2R
VG3R
VD1
VD1
VD2
VD3
VD2
VD3
●
●
●
●
●
●
●
●
●
●
VG3R


Similar Part No. - CHA7215

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA7215 UMS-CHA7215 Datasheet
198Kb / 8P
X-band High Power Amplifier
CHA7215-99F UMS-CHA7215-99F Datasheet
198Kb / 8P
X-band High Power Amplifier
CHA7215-99F00 UMS-CHA7215-99F00 Datasheet
198Kb / 8P
X-band High Power Amplifier
More results

Similar Description - CHA7215

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA7012 UMS-CHA7012 Datasheet
567Kb / 10P
X-band HBT High Power Amplifier
CHA7114 UMS-CHA7114 Datasheet
281Kb / 8P
X Band High Power Amplifier
CHA7012 UMS-CHA7012_09 Datasheet
397Kb / 10P
X-band HBT High Power Amplifier
CHA7114 UMS-CHA7114_10 Datasheet
183Kb / 8P
X Band High Power Amplifier
CHA7115-99F UMS-CHA7115-99F Datasheet
141Kb / 6P
X-band High Power Amplifier
CHA7215 UMS-CHA7215 Datasheet
198Kb / 8P
X-band High Power Amplifier
CHA7012 UMS-CHA7012_15 Datasheet
408Kb / 10P
X-band HBT High Power Amplifier
CHA7114 UMS-CHA7114_15 Datasheet
194Kb / 8P
X Band High Power Amplifier
CHA7115-99F UMS-CHA7115-99F_15 Datasheet
152Kb / 6P
X-band High Power Amplifier
CHA8610-99F UMS-CHA8610-99F Datasheet
457Kb / 18P
15W X Band High Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com