Electronic Components Datasheet Search
  English  ▼

X  

DRV8701PRGER Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8701PRGER
Description  DRV8701 Brushed DC Motor Full-Bridge Gate Driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8701PRGER Datasheet(HTML) 4 Page - Texas Instruments

  DRV8701PRGER Datasheet HTML 1Page - Texas Instruments DRV8701PRGER Datasheet HTML 2Page - Texas Instruments DRV8701PRGER Datasheet HTML 3Page - Texas Instruments DRV8701PRGER Datasheet HTML 4Page - Texas Instruments DRV8701PRGER Datasheet HTML 5Page - Texas Instruments DRV8701PRGER Datasheet HTML 6Page - Texas Instruments DRV8701PRGER Datasheet HTML 7Page - Texas Instruments DRV8701PRGER Datasheet HTML 8Page - Texas Instruments DRV8701PRGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
DRV8701
SLVSCX5B – MARCH 2015 – REVISED JULY 2015
www.ti.com
Common Pins (continued)
PIN
TYPE
DESCRIPTION
NAME
NO.
Controls the current regulation; apply a voltage between 0.3 V and
VREF
6
Input
Analog reference input
AVDD
Open
Pulled logic low with fault condition; open-drain output requires an
nFAULT
9
Fault indication pin
Drain
external pullup
Open
Pulled logic low when the drive current hits the current chopping
SNSOUT
10
Sense comparator output
Drain
threshold; open-drain output requires an external pullup
Voltage on this pin is equal to the SP voltage times AV plus an
SO
11
Output
Shunt amplifier output
offset; place no more than 1 nF of capacitance on this pin
SN
20
Input
Shunt amplifier negative input
Connect to SP through current sense resistor and to GND
Connect to low-side FET source and to SN through current sense
SP
21
Input
Shunt amplifier positive input
resistor
GH1
17
Output
High-side gate
Connect to high-side FET gate
GH2
24
GL1
19
Output
Low-side gate
Connect to low-side FET gate
GL2
22
SH1
18
Input
Phase node
Connect to high-side FET source and low-side FET drain
SH2
23
External Passive Components
COMPONENT
PIN 1
PIN 2
RECOMMENDED
CVM1
VM
GND
0.1-µF ceramic capacitor rated for VM
CVM2
VM
GND
≥10-µF capacitor rated for VM
CVCP
VCP
VM
16-V, 1-µF ceramic capacitor
CSW
CPH
CPL
0.1-µF X7R capacitor rated for VM
CDVDD
DVDD
GND
6.3-V, 1-µF ceramic capacitor
CAVDD
AVDD
GND
6.3-V, 1-µF ceramic capacitor
RIDRIVE
IDRIVE
GND
See Typical Applications for resistor sizing
RnFAULT
VCC(1)
nFAULT
≥10-kΩ pullup
RSNSOUT
VCC(1)
SNSOUT
≥10-kΩ pullup
RSENSE
SP
SN/GND
Optional low-side sense resistor
(1)
VCC is not a pin on the DRV8701, but a VCC supply voltage pullup is required for open-drain outputs nFAULT and SNSOUT. The
system controller supply can be used for this pullup voltage, or these pins can be pulled up to either AVDD or DVDD.
External FETs
Component
Gate
Drain
Source
Recommended
QHS1
GH1
VM
SH1
QLS1
GL1
SH1
SP or GND
Supports up to 200-nC FETs at 40-kHz PWM; see
Detailed Design Procedure for more details
QHS2
GH2
VM
SH2
QLS2
GL2
SH2
SP or GND
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DRV8701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com