Electronic Components Datasheet Search
  English  ▼

X  

DRV8701PRGER Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8701PRGER
Description  DRV8701 Brushed DC Motor Full-Bridge Gate Driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8701PRGER Datasheet(HTML) 27 Page - Texas Instruments

Back Button DRV8701PRGER Datasheet HTML 23Page - Texas Instruments DRV8701PRGER Datasheet HTML 24Page - Texas Instruments DRV8701PRGER Datasheet HTML 25Page - Texas Instruments DRV8701PRGER Datasheet HTML 26Page - Texas Instruments DRV8701PRGER Datasheet HTML 27Page - Texas Instruments DRV8701PRGER Datasheet HTML 28Page - Texas Instruments DRV8701PRGER Datasheet HTML 29Page - Texas Instruments DRV8701PRGER Datasheet HTML 30Page - Texas Instruments DRV8701PRGER Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
DRV8701
www.ti.com
SLVSCX5B – MARCH 2015 – REVISED JULY 2015
7.4.1 Operating DRV8701 and H-Bridge on Separate Supplies
The DRV8701 can operate with a different supply voltage (VM) than the system H-bridge supply (VBAT). Case 1
describes normal operation when VM and VBAT are roughly the same. Special considerations must be taken into
account for Cases 2, 3, and 4.
•
Case 1: VM
≈ VBAT. Recommended operation
•
Case 2: VM > VBAT. IDRIVE must be shorted to AVDD to disable the high-side OCP. The IDRIVE current is
fixed at 25-mA source and 50-mA sink. This case can allow the driver to better enhance the external FETs for
VBAT < 11.5 V, or operate down to a lower supply voltage below 5.9 V.
•
Case 3: VM > VBAT (higher than Case 2). IDRIVE must be shorted to AVDD to disable the high-side OCP.
This case can also allow the driver to better enhance the external FETs, or operate down to a lower supply
voltage below 5.9 V. The IDRIVE current is fixed at 25-mA source and 50-mA sink. Excess gate drive current
may be driven through the DRV8701 gate clamps causing additional power dissipation in the DRV8701.
•
Case 4: VM < VBAT. The high-side FETs may not be in saturation. There may be a significant voltage drop
across the high-side FET when driving current. This causes high power dissipation in the external FET. When
operating in Case 4, the external FET threshold voltage must be greater than 2 V. Otherwise the DRV8701
will report a pre-driver fault whenever the FET is out of saturation.
Table 9. VM Operational Range based on VBAT
VBAT Range
Case 3
Case 2
Case 1
Case 4
VM
≥ 5.9 V
1 V
≤ VBAT < 5.9 V
N/A
N/A
VM < 0.5 × VBAT + 5.75 V
VM
≥ 0.5 × VBAT + 5.75 V
VM
≥ 5.9 V
5.9 V
≤ VBAT < 6.4 V
VM
≤ 45 V
VM = VBAT
VM > VBAT
VM < VBAT
VM < 0.5 × VBAT + 5.75 V
6.4 V
≤ VBAT < 11.5 V
VM > 0.6 × VBAT + 2.5 V
VM
≥ 5.9 V
VM
≤ VBAT
VM
≤ 0.6 × VBAT + 2.5 V
11.5 V
≤ VBAT < 14 V
VM > VBAT
N/A
VM > VBAT – 4 V
VM
≥ 5.9 V
VM
≤ 45 V
14 V
≤ VBAT ≤ 45 V
VM
≤ VBAT
VM
≤ VBAT – 4 V
Figure 33. VM Operating Range Based on Motor Supply Voltage
When nSLEEP is low, VM may be reduced down to 0 V with up to 45 V present at VBAT. However, nSLEEP
should not be brought high until VM is supplied with a voltage aligning with one of the cases outlined above.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: DRV8701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com