Electronic Components Datasheet Search
  English  ▼

X  

DRV8701PRGER Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8701PRGER
Description  DRV8701 Brushed DC Motor Full-Bridge Gate Driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8701PRGER Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV8701PRGER Datasheet HTML 3Page - Texas Instruments DRV8701PRGER Datasheet HTML 4Page - Texas Instruments DRV8701PRGER Datasheet HTML 5Page - Texas Instruments DRV8701PRGER Datasheet HTML 6Page - Texas Instruments DRV8701PRGER Datasheet HTML 7Page - Texas Instruments DRV8701PRGER Datasheet HTML 8Page - Texas Instruments DRV8701PRGER Datasheet HTML 9Page - Texas Instruments DRV8701PRGER Datasheet HTML 10Page - Texas Instruments DRV8701PRGER Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
DRV8701
www.ti.com
SLVSCX5B – MARCH 2015 – REVISED JULY 2015
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES (VM, AVDD, DVDD)
VM
VM operating voltage
5.9
45
V
IVM
VM operating supply current
VM = 24 V; nSLEEP high
6
9.5
mA
TA = 25°C
9
15
nSLEEP = 0
IVMQ
VM sleep mode supply current
μA
VM = 24 V
TA = 125°C
(1)
14
25
tSLEEP
Sleep time
nSLEEP low to sleep mode
100
μs
tWAKE
Wake-up time
nSLEEP high to output change
1
ms
tON
Turn-on time
VM > UVLO to output transition
1
ms
DVDD
Internal logic regulator voltage
External load 0 to 30 mA
3.0
3.3
3.5
V
AVDD
Internal logic regulator voltage
External load 0 to 30 mA
4.4
4.8
5.2
V
CHARGE PUMP (VCP, CPH, CPL)
VM = 12 V; IVCP = 0 to 12 mA
20.5
21.5
22.5
VCP
VCP operating voltage
VM = 8 V; IVCP = 0 to 10 mA
13.5
14.4
15
V
VM = 5.9 V; IVCP = 0 to 8 mA
9.4
9.9
10.4
VM > 12 V
12
IVCP
Charge pump current capacity
8 V < VM < 12 V
10
mA
5.9 V < VM < 8 V
8
fVCP
(1)
Charge pump switching frequency
VM > UVLO
200
400
700
kHz
CONTROL INPUTS (PH, EN, IN1, IN2, nSLEEP)
VIL
Input logic low voltage
0.8
V
VIH
Input logic high voltage
1.5
V
VHYS
Input logic hysteresis
100
mV
IIL
Input logic low current
VIN = 0 V
–5
5
μA
IIH
Input logic high current
VIN = 5 V
78
μA
RPD
Pulldown resistance
64
115
173
k
Ω
tPD
Propagation delay
PH/EN, IN1/IN2 to GHx/GLx
500
ns
CONTROL OUTPUTS (nFAULT, SNSOUT)
VOL
Output logic low voltage
IO = 2 mA
0.1
V
IOZ
Output high impedance leakage
VIN = 5 V
–2
2
μA
FET GATE DRIVERS (GH1, GH2, SH1, SH2, GL1, GL2)
VM > 12 V; VGHS with respect to SHx
8.5
9.5
10.5
High-side VGS gate drive (gate-to-
VGHS
VM = 8 V; VGHS with respect to SHx
5.5
6.4
7
V
source)
VM = 5.9 V; VGHS with respect to SHx
3.5
4.0
4.5
VM > 12 V
8.5
9.3
10.5
Low-side VGS gate drive (gate-to-
VGLS
V
source)
VM = 5.9 V
3.9
4.3
4.9
Observed tDEAD depends on IDRIVE
tDEAD
Output dead time
380
ns
setting
tDRIVE
Gate drive time
2.5
μs
RIDRIVE < 1 kΩ to GND
6
RIDRIVE = 33 kΩ ±5% to GND
12.5
RIDRIVE = 200 kΩ ±5% to GND, or
IDRIVE,SRC
Peak source current
25
mA
RIDRIVE < 1 kΩ to AVDD
RIDRIVE > 500 kΩ ±5% to GND
100
RIDRIVE = 68 kΩ ±5% to AVDD
150
(1)
Specified by design and characterization data
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DRV8701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com