Electronic Components Datasheet Search
  English  ▼

X  

SDN137 Datasheet(PDF) 5 Page - Solid State Optronic

Part # SDN137
Description  Digital High Speed Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SDN137 Datasheet(HTML) 5 Page - Solid State Optronic

  SDN137 Datasheet HTML 1Page - Solid State Optronic SDN137 Datasheet HTML 2Page - Solid State Optronic SDN137 Datasheet HTML 3Page - Solid State Optronic SDN137 Datasheet HTML 4Page - Solid State Optronic SDN137 Datasheet HTML 5Page - Solid State Optronic SDN137 Datasheet HTML 6Page - Solid State Optronic SDN137 Datasheet HTML 7Page - Solid State Optronic SDN137 Datasheet HTML 8Page - Solid State Optronic SDN137 Datasheet HTML 9Page - Solid State Optronic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 2012 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page # 5
SDN137/H/S/TR
Rev 1.10 (08/09/2012)
001512
SDN137
Digital High Speed Optocoupler
10MBd, Logic Output
Figure 8: Low Level Output Voltage vs. Temperature
Figure 9: Low Level Output Current vs. Temperature
Figure 5: Input Diode Forward Voltage vs. Temperature
Figure 6: Input Diode Threshold Current vs. Temperature
Figure 7: Output Voltage vs. Input Forward Current
Figure 4: Input Diode Forward Characteristics
SDN137 Performance & Characteristics Plots, TA = 25°C (unless otherwise specified)
IF - Input Forword Current (mA)
DPlot
Trial
Version
http://www.dplot.com
0
5
10
15
20
25
30
1.2
1.25
1.3
1.35
1.4
1.45
1.5
TA=25°C
TA - Ambient Temperature (C)
DPlot
Trial
Version
http://www.dplot.com
-40
-20
0
20
40
60
80
100
1
1.2
1.4
1.6
1.8
2
IF=20mA
IF=30mA
IF=10mA
IF=2mA
TA=25°C
TA - Ambient Temperature (C)
DPlot
Trial
Version
http://www.dplot.com
-40
-20
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
3
RL=4k
RL=1k
RL=350
Vcc=5.0V
Vo=0.6V
IF - Input Forword Current (mA)
DPlot
Trial
Version
http://www.dplot.com
0
1
2
3
4
56
0
1
2
3
4
5
6
RL=4k
RL=1k
RL=350
Vcc=5V
TA=25°C
TA - Ambient Temperature (C)
DPlot
Trial
Version
http://www.dplot.com
-40
-20
0
20
40
60
80
100
0
0.1
0.2
0.3
0.4
0.5
0.6
IOL=13mA
IOL=16mA
IOL=9.6mA
IOL=6.4mA
Vcc=5.5V
VE=2.0V
IF=5mA
TA - Ambient Temperature (C)
DPlot
Trial
Version
http://www.dplot.com
-40
-20
0
20
40
60
80
100
40
45
50
55
60
65
IF=10-15mA
IF=5mA
Vcc=5.0V
VE=2.0V
VOL=0.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com