Electronic Components Datasheet Search
  English  ▼

X  

SDN137 Datasheet(PDF) 6 Page - Solid State Optronic

Part # SDN137
Description  Digital High Speed Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SDN137 Datasheet(HTML) 6 Page - Solid State Optronic

Back Button SDN137 Datasheet HTML 2Page - Solid State Optronic SDN137 Datasheet HTML 3Page - Solid State Optronic SDN137 Datasheet HTML 4Page - Solid State Optronic SDN137 Datasheet HTML 5Page - Solid State Optronic SDN137 Datasheet HTML 6Page - Solid State Optronic SDN137 Datasheet HTML 7Page - Solid State Optronic SDN137 Datasheet HTML 8Page - Solid State Optronic SDN137 Datasheet HTML 9Page - Solid State Optronic SDN137 Datasheet HTML 10Page - Solid State Optronic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
© 2012 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page # 6
SDN137/H/S/TR
Rev 1.10 (08/09/2012)
001512
SDN137
Digital High Speed Optocoupler
10MBd, Logic Output
Figure 11: Rise and Fall Time vs. Temperature
Figure 10: Enable Propagation Delay vs. Temperature
SDN137 Performance & Characteristics Plots, TA = 25°C (unless otherwise specified)
Figure 13: Propagation Delay vs. Input Forward Current
Figure 12: Propagation Delay Time vs. Temperature
Figure 15: Pulse Width Distortion vs. Temperature
Figure 14: Pulse Width Distortion vs. Input Forward Current
TA - Ambient Temperature (C)
DPlot
Trial
Version
http://www.dplot.com
-40
-20
0
20
40
60
80
100
0
10
20
30
40
50
60
70
80
Vcc=5.0V
IF=7.5mA
VEH=3V
VEL=0V
tELH, RL=4k
tELH, RL=1k
tELH, RL=350
tEHL, RL=350O,1k,4k
TA - Ambient Temperature (C)
DPlot
Trial
Version
http://www.dplot.com
-40
-20
0
20
40
60
80
100
0
20
40
60
80
100
120
140
160
180
RL=1K
RL=350
RL=4K
RL=350,1K,4K
tRISE
tFALL
TA - Ambient Temperature (C)
DPlot
Trial
Version
http://www.dplot.com
-40
-20
0
20
40
60
80
100
0
20
40
60
80
100
tpHL
tpLH
RL=350,1K,4K
RL=350
RL=4K
RL=1K
Vcc=5.0V
IF=7.5mA
IF - Input Forword Current (mA)
DPlot
Trial
Version
http://www.dplot.com
5
7
9
11
13
15
0
20
40
60
80
100
RL=350,1K,4K
RL=350
RL=1K
RL=4K
tpHL
tpLH
IF - Forword Current (mA)
DPlot
Trial
Version
http://www.dplot.com
5
7
9
11
13
15
0
10
20
30
40
50
60
Vcc=5.0V
TA=25°C
RL=4K
RL=1K
RL=350
TA - Ambient Temperature (C)
DPlot
Trial
Version
http://www.dplot.com
-40
-20
0
20
40
60
80
100
0
10
20
30
40
50
60
Vcc=5.0V
IF=7.5mA
RL=4K
RL=1K
RL=350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com