Electronic Components Datasheet Search
  English  ▼

X  

SDN137 Datasheet(PDF) 1 Page - Solid State Optronic

Part # SDN137
Description  Digital High Speed Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SDN137 Datasheet(HTML) 1 Page - Solid State Optronic

  SDN137 Datasheet HTML 1Page - Solid State Optronic SDN137 Datasheet HTML 2Page - Solid State Optronic SDN137 Datasheet HTML 3Page - Solid State Optronic SDN137 Datasheet HTML 4Page - Solid State Optronic SDN137 Datasheet HTML 5Page - Solid State Optronic SDN137 Datasheet HTML 6Page - Solid State Optronic SDN137 Datasheet HTML 7Page - Solid State Optronic SDN137 Datasheet HTML 8Page - Solid State Optronic SDN137 Datasheet HTML 9Page - Solid State Optronic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 2012 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
SDN137/H/S/TR
Rev 1.10 (08/09/2012)
001512
Page # 1
SDN137
Digital High Speed Optocoupler
10MBd, Logic Output
Description
The SDN137 consists of a high efficient AlGaAs Light
Emitting Diode and a high speed optical detector. This
design provides excellent AC and DC isolation between the
input and output sides of the Optocoupler.
The output of the optical detector features an open
collector Schottky clamped transistor. The enable function
allows the optical detector to be strobed.
The internal
shield ensures high common mode transient immunity. A
guaranteed common mode transient immunity is up to
15,000V/μS.
The SDN137 comes standard in an 8 pin DIP package.
Schematic Diagram
Agency Approvals
UL / C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
High Speed Logic Ground Isolation
Replace Slower Speed Optocouplers
Line Receivers
Power Transistor Isolation
Pulse Transformer Replacement
Switch Mode Power Supplies
Digital Fieldbus Isolation
Ground Isolation – Analog Signals
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature …………………………-40 to +85°C
Continuous Input Current………………………………..40mA
Transient Input Current ………………….……………..400mA
Reverse Input Control Voltage …………….………………5V
Max Enable Input Voltage (VE) …………………………….5V
Max Enable Input Current (IE) ……………..…………….5mA
Input Power Dissipation ……..…………………………40mW
Max Supply Voltage (VCC) …………………………………..7V
Max Output Collector Current (IO) ……..……………….50mA
Max Output Collector Voltage (VO) ...................................7V
Output Power Dissipation ……………………………..85mW
Ordering Information
Part Number
Description
SDN137
8 pin DIP, (50/Tube)
SDN137-H
0.40” (10.16mm) Lead Spacing (VDE0884)
SDN137-S
8 pin SMD, (50/Tube)
SDN137-STR
8 pin SMD, Tape and Reel (1000/Reel)
NOTE: Suffixes listed above are not included in marking on
device for part number identification
Features
TTL Compatible
High Bit Rate: 10MBd
High CMR Performance (15kV/
S)
High Isolation Voltage (5000VRMS)
High Common Mode Interference Immunity
RoHS / Pb-Free / REACH Compliant
** A 0.1μF bypass Capacitor must be connected between pins 5 & 8
(GND & VCC)
Truth Table
(Positive Logic)
LED
ENABLE
OUTPUT
ON
H
L
OFF
H
H
ON
L
H
OFF
L
H
ON
NC
L
OFF
NC
H
1
2
3
4
6
5
7
8 VCC
VE
VO
Ground
NC
Anode
Cathode
NC
SCN137


Similar Part No. - SDN137

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
SDN137 SOLIDSTATE-SDN137 Datasheet
449Kb / 12P
TTL Compatible
More results

Similar Description - SDN137

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH6315 SIEMENS-SFH6315 Datasheet
69Kb / 4P
HIGH SPEED OPTOCOUPLER
SFH6315T SIEMENS-SFH6315T Datasheet
48Kb / 4P
HIGH SPEED OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0738 AVAGO-HCPL-0738 Datasheet
192Kb / 2P
High Speed CMOS Optocoupler
HCPL-0708-560E AVAGO-HCPL-0708-560E Datasheet
179Kb / 12P
High Speed CMOS Optocoupler
HCPL-0738-500E AVAGO-HCPL-0738-500E Datasheet
217Kb / 8P
High Speed CMOS Optocoupler
logo
California Eastern Labs
PS9701 CEL-PS9701 Datasheet
60Kb / 6P
HIGH SPEED DIGITAL OUTPUT TYPE SOP OPTOCOUPLER
logo
Solid State Optronic
SDN135 SSOUSA-SDN135 Datasheet
450Kb / 11P
Analog High Speed Optocoupler
SDN138 SSOUSA-SDN138 Datasheet
455Kb / 11P
Analog High Speed Optocoupler
SDN139 SSOUSA-SDN139 Datasheet
456Kb / 11P
Analog High Speed Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K453 AVAGO-ACPL-K453 Datasheet
177Kb / 8P
High Speed Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com