Electronic Components Datasheet Search
  English  ▼

X  

MAX9159ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9159ESA
Description  Dual LVDS Line Receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9159ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9159ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9159ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9159ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9159ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9159ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9159ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9159ESA Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Dual LVDS Line Receiver
_______________________________________________________________________________________
3
Note 1: Maximum and minimum limits over temperature are guaranteed by design and characterization. Devices are production
tested at TA = +25°C.
Note 2: Current into a pin is defined as positive. Current out of a pin is defined as negative. All voltages are referenced to ground,
except VTH, VTL, and VID.
Note 3: AC parameters are guaranteed by design and characterization.
Note 4: CL includes scope probe and test jig capacitance.
Note 5: All input pulses are supplied by a generator having the following characteristics: tR or tF
≤ 1ns, pulse repetition rate (PRR) =
50Mpps, pulse width = 10 ±0.2ns.
Note 6: tSK(O) is the skew between specified outputs of a single device with all driving inputs connected together and the outputs
switching in the same direction while driving identical specified loads.
Note 7: tSK(PP) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when
both devices operate with the same supply voltages, same temperature, and have identical packages and test circuits.
SWITCHING CHARACTERISTICS
(VCC = 3.0V to 3.6V, differential input voltage |VID| = 0.1V to 0.6V, common-mode input voltage VCM = |VID/2| to 2.4V - |VID/2|, CL =
10pF, TA = -40°C to +85°C. Typical values are at VCC = 3.3V, TA = +25°C, unless otherwise noted.) (Figures 2 and 3) (Notes 3, 4,
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Propagation Delay High to Low
tPHL
1.5
2.2
3
ns
Propagation Delay Low to High
tPLH
1.5
2.13
3
ns
Pulse Skew | tPHL - tPLH |tSK(P)
0.07
0.4
ns
Channel-to-Channel Output Skew (Note 6)
tSK(O)
0.03
0.3
ns
Part-to-Part Skew (Note 7)
tSK(PP)
1ns
Output Signal Rise Time (20% to 80%)
tR
0.40
0.8
ns
Output Signal Fall Time (80% to 20%)
tF
0.42
0.8
ns
200
195
190
185
180
3.0
3.3
3.1
3.2
3.4
3.5
3.6
OUTPUT LOW VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
OUTPUT
SINKING 8mA
2.5
2.7
2.6
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
OUTPUT HIGH VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.0
3.2
3.1
3.3
3.4
3.5
3.6
OUTPUT
SOURCING 8mA
50
60
80
70
90
100
3.0
3.2
3.1
3.3
3.4
3.5
3.6
OUTPUT SHORT-CIRCUIT
CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
Typical Operating Characteristics
(VCC = 3.3V, |VID| = 200mV, VCM = 1.2V, fIN = 200MHz, CL = 10pF, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com