Electronic Components Datasheet Search
  English  ▼

X  

MAX9159ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9159ESA
Description  Dual LVDS Line Receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9159ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9159ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9159ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9159ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9159ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9159ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9159ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9159ESA Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Dual LVDS Line Receiver
_______________________________________________________________________________________
5
0.6
0.5
0.4
0.3
0.2
-40
10
-15
35
60
85
TRANSITION TIME vs. TEMPERATURE
TEMPERATURE (
°C)
tF
tR
2.0
2.4
2.2
2.8
2.6
3.0
3.2
3.4
3.6
10
20
25
15
30
35
40
45
50
PROPAGATION DELAY
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
tPHL
tPLH
0
0.4
0.6
0.2
1.0
0.8
1.4
1.2
1.6
2.0
1.8
2.2
10
20
25
15
30
35
40
45
50
TRANSITION TIME
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
tF
tR
Typical Operating Characteristics (continued)
(VCC = 3.3V, |VID| = 200mV, VCM = 1.2V, fIN = 200MHz, CL = 10pF, TA = +25°C, unless otherwise noted.)
Detailed Description
LVDS is intended for point-to-point communication over
a controlled-impedance medium as defined by the
ANSI TIA/EIA-644 and IEEE 1596.3 standards. LVDS
uses a lower voltage swing than other common commu-
nication standards, achieving higher data rates with
reduced power consumption, while reducing EMI
emissions and system susceptibility to noise.
The MAX9159 is a dual LVDS line receiver ideal for
applications requiring high data rates, low power, and
low noise. The device accepts an LVDS input and
translates it to an LVTTL output. The receiver detects
differential signals as low as 100mV and as high as
0.6V within an input voltage range of 0 to 2.4V.
The 250mV to 450mV differential output of an LVDS dri-
ver is nominally centered around a 1.25V offset. This
offset, coupled with the receiver’s 0 to 2.4V input volt-
age range, allows an approximate ±1V shift in the sig-
nal (as seen by the receiver). This allows for a
difference in ground references of the driver and the
receiver, the common-mode effects of coupled noise,
or both. The LVDS standards specify an input voltage
range of 0 to 2.4V referenced to receiver ground.
Fail-Safe
The fail-safe feature of the MAX9159 sets the output
high and reduces supply current when:
• Inputs are open.
• Inputs are undriven and shorted.
• Inputs are undriven and terminated.
A fail-safe circuit is important because under these
conditions, noise at the input may switch the receiver
and it may appear to the system that data is being
received. Open or undriven terminated input conditions
can occur when a cable is disconnected or cut, or
when an LVDS driver output is in high impedance. A
short condition can occur because of a cable failure.
The fail-safe input network (Figure 1) samples the input
common-mode voltage and compares it to VCC - 0.3V
(nominal). When the input is driven to levels specified in
the LVDS standards, the input common-mode voltage is
less than VCC - 0.3V and the fail-safe circuit is not acti-
PIN
NAME
FUNCTION
1VCC
Power Supply
2
1Y
Channel 1 Output
3
2Y
Channel 2 Output
4
GND
Ground
5
2B
Channel 2 Inverting Differential Input
6
2A
Channel 2 Noninverting Differential Input
7
1B
Channel 1 Inverting Differential Input
8
1A
Channel 1 Noninverting Differential Input
Pin Description



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com