Electronic Components Datasheet Search
  English  ▼

X  

MAX9685CTW Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9685CTW
Description  Ultra-Fast ECL-Output Comparator with Latch Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9685CTW Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9685CTW Datasheet HTML 1Page - Maxim Integrated Products MAX9685CTW Datasheet HTML 2Page - Maxim Integrated Products MAX9685CTW Datasheet HTML 3Page - Maxim Integrated Products MAX9685CTW Datasheet HTML 4Page - Maxim Integrated Products MAX9685CTW Datasheet HTML 5Page - Maxim Integrated Products MAX9685CTW Datasheet HTML 6Page - Maxim Integrated Products MAX9685CTW Datasheet HTML 7Page - Maxim Integrated Products MAX9685CTW Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
_______________General Description
The MAX9685 is an ultra-fast ECL comparator manufac-
tured with a high-frequency bipolar process (fT = 6GHz)
capable of very short propagation delays. This design
maintains the excellent DC matching characteristics nor-
mally found only in slower comparators.
The device is pin-compatible with the AD9685 and
Am6685, but exceeds their AC characteristics.
The MAX9685 has differential inputs and complemen-
tary outputs that are fully compatible with ECL-logic lev-
els. Output current levels are capable of driving 50
Ω
terminated transmission lines. The ultra-fast operation
makes signal processing possible at frequencies in
excess of 600MHz.
A latch-enable (LE) function is provided to allow the
comparator to be used in a sample-hold mode. When
LE is ECL high, the comparator functions normally.
When LE is driven ECL low, the outputs are forced to an
unambiguous ECL-logic state, dependent on the input
conditions at the time of the latch input transition. If the
latch-enable function is not used, the LE pin must be
connected to ground.
________________________Applications
High-Speed A/D Converters
High-Speed Line Receivers
Peak Detectors
Threshold Detectors
High-Speed Triggers
____________________________Features
o 1.3ns Propagation Delay
o 0.5ns Latch Setup Time
o +5V, -5.2V Power Supplies
o Pin-Compatible with AD9685, Am6685
o Available in Commercial, Extended-Industrial,
and Military Temperature Ranges
o Available in Narrow SO Package
______________Ordering Information
* Contact factory for availability of 20-pin PLCC.
** Contact factory for dice specifications.
Ultra-Fast ECL-Output Comparator
with Latch Enable
________________________________________________________________
Maxim Integrated Products
1
TOP VIEW
MAX9685
9
8
7
6
5
4
3
2
V+
GND1
1
IN+
IN-
LE
V-
N.C.
Q OUT
Q OUT
GND2
10
TO-100
DIP/SO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND2
N.C.
N.C.
N.C.
Q OUT
Q OUT
N.C.
N.C.
GND1
V+
IN+
IN-
N.C.
LE
N.C.
V-
__________________________________________________________Pin Configurations
Call toll free 1-800-998-8800 for free samples or literature.
19-2398; Rev 1; 7/93
PART
TEMP. RANGE
PIN-PACKAGE*
MAX9685CPE
0°C to +70°C
16 Plastic DIP
MAX9685CSE
0°C to +70°C
16 Narrow SO
MAX9685CJE
0°C to +70°C
16 CERDIP
MAX9685CTW
0°C to +70°C
10 TO-100
MAX9685C/D
0°C to +70°C
Dice**
MAX9685EPE
-40°C to +85°C
16 Plastic DIP
MAX9685ESE
-40°C to +85°C
16 Narrow SO
MAX9685MJE
-55°C to +125°C
16 CERDIP
MAX9685MTW
-55°C to +125°C
10 TO-100


Similar Part No. - MAX9685CTW

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX968 MAXIM-MAX968 Datasheet
116Kb / 12P
Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
Rev 0; 4/97
MAX9680 MAXIM-MAX9680 Datasheet
1Mb / 8P
3V Video Amplifier with Internal Gain and Filter in SC70
Rev 0; 9/09
MAX9680 MAXIM-MAX9680 Datasheet
1Mb / 9P
3V Video Amplifier with Internal Gain and Filter in SC70
Rev 1; 12/10
MAX9680 MAXIM-MAX9680 Datasheet
889Kb / 4P
Fully Assembled and Tested
Rev 0; 9/09
MAX9680AXT MAXIM-MAX9680AXT Datasheet
1Mb / 9P
3V Video Amplifier with Internal Gain and Filter in SC70
Rev 1; 12/10
More results

Similar Description - MAX9685CTW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E1651 ONSEMI-MC10E1651 Datasheet
133Kb / 7P
DUAL ECL OUTPUT COMPARATOR WITH LATCH
1996 REV 1
MC10E1652 ONSEMI-MC10E1652 Datasheet
140Kb / 7P
DUAL ECL OUTPUT COMPARATOR WITH LATCH
REV 1
logo
Maxim Integrated Produc...
MAX9687 MAXIM-MAX9687 Datasheet
44Kb / 4P
Dual, Ultra-Fast ECL-Output Comparator
Rev 1; 7/93
MAX9690 MAXIM-MAX9690 Datasheet
28Kb / 4P
Ultra-Fast ECL-Output Comparator
Rev 3; 3/97
MAX9691 MAXIM-MAX9691 Datasheet
320Kb / 10P
Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 1; 10/02
logo
ON Semiconductor
MC10E1652 ONSEMI-MC10E1652_06 Datasheet
138Kb / 10P
5V, ??V ECL Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 9
logo
Maxim Integrated Produc...
MAX9691 MAXIM-MAX9691_12 Datasheet
325Kb / 12P
Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 2; 1/12
logo
SG Micro Corp
SGM8703 SGMICRO-SGM8703 Datasheet
337Kb / 15P
Push-Pull Output Comparator with Latch Enable
logo
ON Semiconductor
MC10E1651 ONSEMI-MC10E1651_13 Datasheet
125Kb / 9P
Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1652 ONSEMI-MC10E1652_13 Datasheet
129Kb / 9P
Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com