Electronic Components Datasheet Search
  English  ▼

X  

MAX9685CTW Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9685CTW
Description  Ultra-Fast ECL-Output Comparator with Latch Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9685CTW Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9685CTW Datasheet HTML 1Page - Maxim Integrated Products MAX9685CTW Datasheet HTML 2Page - Maxim Integrated Products MAX9685CTW Datasheet HTML 3Page - Maxim Integrated Products MAX9685CTW Datasheet HTML 4Page - Maxim Integrated Products MAX9685CTW Datasheet HTML 5Page - Maxim Integrated Products MAX9685CTW Datasheet HTML 6Page - Maxim Integrated Products MAX9685CTW Datasheet HTML 7Page - Maxim Integrated Products MAX9685CTW Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Ultra-Fast ECL-Output Comparator
with Latch Enable
4
_______________________________________________________________________________________
The timing diagram (Figure 3) illustrates the series of
events that complete the compare function, under
worst-case conditions.
The top line of the diagram illustrates two latch-enable
pulses. Each pulse is high for the compare function
and low for the latch function. The first pulse demon-
strates the compare function; part of the input action
takes place during the compare mode. The second
pulse demonstrates a compare-function interval during
which there is no change in the input.
The leading edge of the input signal (illustrated as a
large-amplitude, small-overdrive pulse) switches the
comparator after time interval tpd. Output Q and Q
transistors are similar in timing. The input signal must
occur at time ts before the latch falling edge, and it
must be maintained for time th after the edge to be
acquired. After th, the output is no longer affected by
the input status until the latch is again strobed. A mini-
mum latch pulse width of tpw(E) is needed for the
strobe operation, and the output transitions occur after
a time tpd(E).
Definition of Terms
VOS
Input Offset Voltage—The voltage required
between the input terminals to obtain 0V dif-
ferential at the output.
VIN
Input Voltage Pulse Amplitude
VOD
Input Voltage Overdrive
tpd+
Input to Output High Delay—The propagation
delay measured from the time the input signal
crosses the input offset voltage to the 50%
point of an output low-to-high transition.
tpd-
Input to Output Low Delay—The propagation
delay measured from the time the input signal
crosses the input offset voltage to the 50%
point of an output high-to-low transition.
tpd+(E) Latch-Enable to Output High Delay—The
propagation delay measured from the 50%
point of the latch-enable signal low-to-high
transition to the 50% point of an output low-to-
high transition.
tpd-(E)
Latch-Enable to Output Low Delay—The
propagation delay measured from the 50%
point of the latch-enable signal low-to-high
transition to the 50% point of an output high-
to-low transition.
tpw(E)
Minimum Latch-Enable Pulse Width—The
minimum time the latch-enable signal must be
high to acquire and hold an input signal.
ts
Minimum Setup Time—The minimum time
before the negative transition of the latch-
enable pulse that an input signal must be pre-
sent to be acquired and held at the outputs.
th
Minimum Hold Time—The minimum time after
the negative transition of the latch-enable signal
that an input signal must remain unchanged to
be acquired and held at the output.
Figure 2. As a high-speed receiver, the MAX9685 is capable
of processing signals in excess of 600MHz. Figure 2 is a
100MHz example with an input signal level of 14mVRMS.
-0V
-0.9V
-1.7V
OUTPUT
INPUT
OUTPUT
500mV/div
INPUT
20mV/div
2ns/div
VIN
-2V
50
Ω
Cf
Rf
50
Ω
50
Ω
50
Ω
LE
Figure 1. Regenerative Feedback. High-speed receiver with
50
Ω input and output termination.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com