Electronic Components Datasheet Search
  English  ▼

X  

MAX9685CTW Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9685CTW
Description  Ultra-Fast ECL-Output Comparator with Latch Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9685CTW Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9685CTW Datasheet HTML 1Page - Maxim Integrated Products MAX9685CTW Datasheet HTML 2Page - Maxim Integrated Products MAX9685CTW Datasheet HTML 3Page - Maxim Integrated Products MAX9685CTW Datasheet HTML 4Page - Maxim Integrated Products MAX9685CTW Datasheet HTML 5Page - Maxim Integrated Products MAX9685CTW Datasheet HTML 6Page - Maxim Integrated Products MAX9685CTW Datasheet HTML 7Page - Maxim Integrated Products MAX9685CTW Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Ultra-Fast ECL-Output Comparator
with Latch Enable
_______________________________________________________________________________________
3
Note 1: Not tested, guaranteed by design.
Note 2: VIN = 100mV, VOD = 10mV
PARAMETER
SYMBOL
UNITS
1.3
1.8
1.5
2.0
TA = 0°C to +70°C
MAX9685M
MIN
TYP
MAX
1.3
1.8
CONDITIONS
TA = +25°C
MAX9685C/E
MIN
TYP
MAX
SWITCHING CHARACTERISTICS
(V+ = 5V, V- = -5.2V, RL = 50Ω, VT = -2V, TA = +25°C, unless otherwise noted.)
__________Applications Information
Layout
Because of the MAX9685’s large gain-bandwidth char-
acteristic, special precautions need to be taken if its
high-speed capabilities are to be used. A PC board
with a ground plane is mandatory. Mount all decou-
pling capacitors as close to the power-supply pins as
possible, and process the ECL outputs in microstrip
fashion, consistent with the load termination of 50
Ω to
120
Ω. For low-impedance applications, microstrip lay-
out at the input may also be helpful. Pay close atten-
tion to the bandwidth of the decoupling and terminating
components. Chip components can be used to mini-
mize lead inductance. An unused LE pin must be con-
nected to ground.
Input Slew-Rate Requirements
As with all high-speed comparators, the high gain-
bandwidth product of these devices creates oscillation
problems when the input traverses through the linear
region. For clean switching without oscillation or steps
in the output waveform, the input must meet certain
minimum slew-rate requirements. The tendency of the
part to oscillate is a function of the layout and source
impedance of the circuit employed. Poor layout and
larger source impedance will increase the minimum
slew-rate requirement.
Figure 1 shows a high-speed receiver application with
50
Ω input and output termination. With this configura-
tion, in which a ground plane and microstrip PC board
were used, the minimum slew rate for clean output
switching is 1.6V/µs. Sine-wave inputs imply a mini-
mum signal size of 360mVRMS at 500kHz and
90mVRMS at 4MHz.
In many applications, the addition of regenerative feed-
back will assist the input signal through the linear
region, which will lower the minimum slew-rate require-
ment considerably. For example, with the addition of
positive feedback components Rf = 1k
Ω and Cf =
10pF, the minimum slew-rate requirement can be
reduced by a factor of four.
ERMS =
Slew Rate
2 2nf
Input to Output High
(Notes 1, 2)
tpd+
TA = -55°C to +125°C
1.7
2.4
ns
TA = +25°C
1.3
1.8
1.3
1.8
TA = 0°C to +70°C
1.5
2.0
Input to Output Low
(Notes 1, 2)
tpd-
TA = -55°C to +125°C
1.7
2.4
ns
TA = +25°C
1.2
1.7
1.2
1.7
TA = 0°C to +70°C
1.4
2.0
Latch-Enable to Output
High (Notes 1, 2)
tpd+(E)
TA = -55°C to +125°C
2.0
3.0
ns
TA = +25°C
1.2
1.7
1.2
1.7
TA = 0°C to +70°C
1.4
2.0
Latch-Enable to Output
High (Notes 1, 2)
tpd-(E)
TA = -55°C to +125°C
2.0
3.0
ns
Latch-Enable Pulse
Width (Note 2)
tpw(E)
3.0
2.0
3.0
2.0
Minimum Setup Time
ts
0.5
1.0
0.5
1.0
Minimum Hold Time
th
0.5
1.0
0.5
1.0
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com