Electronic Components Datasheet Search
  English  ▼

X  

MAX968 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX968
Description  Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX968 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX968 Datasheet HTML 4Page - Maxim Integrated Products MAX968 Datasheet HTML 5Page - Maxim Integrated Products MAX968 Datasheet HTML 6Page - Maxim Integrated Products MAX968 Datasheet HTML 7Page - Maxim Integrated Products MAX968 Datasheet HTML 8Page - Maxim Integrated Products MAX968 Datasheet HTML 9Page - Maxim Integrated Products MAX968 Datasheet HTML 10Page - Maxim Integrated Products MAX968 Datasheet HTML 11Page - Maxim Integrated Products MAX968 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Single/Dual/Quad, Micropower,
Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
function below about 1.5V, although the comparators
typically continue to operate with a supply voltage as
low as 1V. At low supply voltages (<1.6V), the input
common-mode range remains rail-to-rail, but the com-
parator’s output sink capability is reduced and propa-
gation delay increases (see Typical Operating
Characteristics).
Figure 1 shows a typical comparator application that
monitors VCC at 1.6V. Resistor divider R1/R2 sets the
voltage trip point (VTRIP) at 1.6V. As VCC drops below
1.6V and approaches 1V, the reference voltage typical-
ly falls below the divider voltage (V+). This causes the
comparator output to change state. If OUT’s state must
be maintained under these conditions, a latching circuit
is required.
Comparator Output
The MAX965–MAX970 contain a unique slew-rate-
controlled output stage capable of rail-to-rail operation
with an external pull-up resistor. Typical comparators
consume orders of magnitude more current during
switching than during steady-state operation. With the
MAX965 family of comparators, during an output transi-
tion from high to low, the output slew rate is limited to
minimize switching current.
Voltage Reference
With VCC greater than 1.6V but less than 5.5V, the inter-
nal 1.235V bandgap reference is ±1.5% accurate over
the commercial temperature range and ±2.5% accu-
rate over the extended temperature range. The REF
output is typically capable of sourcing 50µA. To reduce
reference noise or to provide noise immunity, bypass
REF with a capacitor (0.1nF to 0.1µF).
Noise Considerations
The comparator has an effective wideband peak-to-
peak noise of around 10µV. The voltage reference has
peak-to-peak noise approaching 1.0mV with a 0.1µF
bypass capacitor. Thus, when a comparator is used
with the reference, the combined peak-to-peak noise is
about 1.0mV. This, of course, is much higher than the
individual components’ RMS noise. Avoid capacitive
coupling from any output to the reference pin. Crosstalk
can significantly increase the references’ actual noise.
__________Applications Information
Hysteresis
Many comparators oscillate in the linear region of oper-
ation because of noise or undesired parasitic feed-
back. This tends to occur when the voltage on one
input is equal or very close to the voltage on the other
input. The MAX965–MAX970 have internal hysteresis to
counter parasitic effects and noise. In addition, with the
use of external resistor, the MAX965/MAX967/
MAX968/MAX969’s hysteresis can be programmed to
as much as ±50mV (see the section Adding Hysteresis
to the MAX965/MAX967/MAX968/MAX969).
The hysteresis in a comparator creates two trip points:
one for the rising input voltage and one for the falling
input voltage (Figure 2). The difference between the trip
points is the hysteresis. When the comparator’s input
voltages are equal, the hysteresis effectively causes
one comparator input voltage to move quickly past the
other, thus taking the input out of the region where
oscillation occurs.
THRESHOLDS
OUT
IN-
IN+
VHB
HYSTERESIS
BAND
VREF - VHYST
Figure 2. Threshold Hysteresis Band
REF
GND
VCC
VTRIP = 1.22
+ 1
VCC
VREF
OUT
R1
47k
R2
150k
V+
VCC
V+
t
1.6V
1.0V
100k
MAX965
R1
R2
R1 =
x R2
- 1
VTRIP
1.22
Figure 1. Operation below 1.6V
_______________________________________________________________________________________
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com