Electronic Components Datasheet Search
  English  ▼

X  

MAX968 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX968
Description  Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX968 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX968 Datasheet HTML 1Page - Maxim Integrated Products MAX968 Datasheet HTML 2Page - Maxim Integrated Products MAX968 Datasheet HTML 3Page - Maxim Integrated Products MAX968 Datasheet HTML 4Page - Maxim Integrated Products MAX968 Datasheet HTML 5Page - Maxim Integrated Products MAX968 Datasheet HTML 6Page - Maxim Integrated Products MAX968 Datasheet HTML 7Page - Maxim Integrated Products MAX968 Datasheet HTML 8Page - Maxim Integrated Products MAX968 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Single/Dual/Quad, Micropower,
Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
_______________________________________________________________________________________
5
4.0
3.8
2.0
0.01
0.1
1
10
100
SUPPLY CURRENT PER COMPARATOR
vs. OUTPUT TRANSITION FREQUENCY
2.4
2.2
OUTPUT TRANSITION FREQUENCY (kHz)
2.8
2.6
3.2
3.0
3.6
3.4
VCC = 5.5V
VCC = 1.6V
100
120
110
140
130
160
150
170
190
180
200
-60
-20
0
-40
20
40
60
80
100
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
0
1.0
0.5
2.0
1.5
3.5
3.0
2.5
4.0
-40
-20
0
20
40
60
80
100
INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 5.0V
VCC = 3.0V
0
10
5
15
30
35
25
20
40
0
1.0 1.5 2.0 2.5
0.5
3.0 3.5 4.0 4.5 5.0
PROGRAMMED HYSTERESIS
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
VCC = 5.0V
VHYST = 22mV (PROGRAMMED)
1.2320
1.2325
1.2335
1.2330
1.2340
1.2345
-60
-20
0
-40
20
40
60
80
100
REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 5V
VCC = 3V
VCC = 2V
1.223
1.229
1.227
1.225
1.231
1.233
1.237
1.235
1.239
1.0
1.8
2.6
3.4
4.2
5.0
5.8
REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
VCC (V)
0.6
0.8
0.7
1.0
0.9
1.3
1.2
1.1
1.4
0
200
100
300
400
500
600
700
REFERENCE VOLTAGE
vs. SOURCE CURRENT
SOURCE CURRENT (
µA)
_____________________________Typical Operating Characteristics (continued)
(VCC = +3.0V, RPULL-UP = 100kΩ, VCM = 0V, TA = +25°C, unless otherwise noted.)
IN+
OUT
PROPAGATION DELAY (tPD+)
MAX965/70-TOC15
2
µs/div
VCC = 3V
50mV/div
2V/div
50mV/div
2V/div
IN+
OUT
PROPAGATION DELAY (tPD-)
MAX965/70-TOC16b
2
µs/div
VCC = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com