Electronic Components Datasheet Search
  English  ▼

X  

MAX968 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX968
Description  Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX968 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX968 Datasheet HTML 1Page - Maxim Integrated Products MAX968 Datasheet HTML 2Page - Maxim Integrated Products MAX968 Datasheet HTML 3Page - Maxim Integrated Products MAX968 Datasheet HTML 4Page - Maxim Integrated Products MAX968 Datasheet HTML 5Page - Maxim Integrated Products MAX968 Datasheet HTML 6Page - Maxim Integrated Products MAX968 Datasheet HTML 7Page - Maxim Integrated Products MAX968 Datasheet HTML 8Page - Maxim Integrated Products MAX968 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX965–MAX970 single/dual/quad micropower
comparators feature Rail-to-Rail® inputs and outputs, and
fully specified single-supply operation down to +1.6V.
These devices draw less than 5µA per comparator and
have open-drain outputs that can be pulled beyond VCC
to 6V (max) above ground. In addition, their rail-to-rail
input common-mode voltage range makes these com-
parators suitable for ultra-low-voltage operation.
A +1.6V to +5.5V single-supply operating voltage range
makes the MAX965 family of comparators ideal for 2-cell
battery-powered applications. The MAX965/MAX967/
MAX968/MAX969 offer programmable hysteresis and
an internal 1.235V ±1.5% reference. All devices are
available in either space-saving 8-pin µMAX or 16-pin
QSOP packages.
________________________Applications
2-Cell Battery-Powered/Portable Systems
Window Comparators
Threshold Detectors/Discriminators
Mobile Communications
Voltage-Level Translation
Ground/Supply-Sensing Applications
____________________________Features
o Ultra-Low Single-Supply Operation down to +1.6V
o Rail-to-Rail Common-Mode Input Voltage Range
o 3µA Quiescent Supply Current per Comparator
o Open-Drain Outputs Swing Beyond VCC
o 1.235V ±1.5% Precision Internal Reference
(MAX965/967/968/969)
o 10µs Propagation Delay (50mV overdrive)
o Available in Space-Saving Packages:
8-Pin µMAX (MAX965–MAX968)
16-Pin QSOP (MAX969/MAX970)
Single/Dual/Quad, Micropower,
Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
________________________________________________________________
Maxim Integrated Products
1
VCC
VOUT
7
OUT
GND
1.235V
REF
6
HYST
1
5
IN-
4
IN+
3
8
VCC
VIN
RPULL-UP
MAX965
__________Typical Operating Circuit
19-1226; Rev 0; 4/97
PART
MAX965ESA
MAX965EUA
MAX966ESA
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
8 SO
8 µMAX
8 SO
______________Ordering Information
Rail-to-Rail is a registered trademark of Nippon Motorola Ltd.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
MAX966EUA
-40°C to +85°C
8 µMAX
MAX967ESA
-40°C to +85°C
8 SO
MAX967EUA
-40°C to +85°C
8 µMAX
MAX965
Yes
Yes
MAX966
No
No
MAX967
Yes
Yes
MAX968
Yes
Yes
MAX969
Yes
Yes
MAX970
No
No
1
2
2
2
4
4
_____________________Selector Guide
Ordering Information continued on last page.
Pin Configurations appear at end of data sheet.


Similar Part No. - MAX968

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9680 MAXIM-MAX9680 Datasheet
1Mb / 8P
3V Video Amplifier with Internal Gain and Filter in SC70
Rev 0; 9/09
MAX9680 MAXIM-MAX9680 Datasheet
1Mb / 9P
3V Video Amplifier with Internal Gain and Filter in SC70
Rev 1; 12/10
MAX9680 MAXIM-MAX9680 Datasheet
889Kb / 4P
Fully Assembled and Tested
Rev 0; 9/09
MAX9680AXT MAXIM-MAX9680AXT Datasheet
1Mb / 9P
3V Video Amplifier with Internal Gain and Filter in SC70
Rev 1; 12/10
MAX9680AXT+T MAXIM-MAX9680AXT+T Datasheet
1Mb / 8P
3V Video Amplifier with Internal Gain and Filter in SC70
Rev 0; 9/09
More results

Similar Description - MAX968

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4040 MAXIM-MAX4040 Datasheet
199Kb / 16P
Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
19-1377; Rev 0; 5/98
MAX985 MAXIM-MAX985 Datasheet
453Kb / 13P
Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 3; 9/02
MAX987 MAXIM-MAX987 Datasheet
141Kb / 12P
High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
MAX985 MAXIM-MAX985_07 Datasheet
342Kb / 13P
Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 4; 1/07
MAX987 MAXIM-MAX987_07 Datasheet
329Kb / 13P
High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX985_V5 MAXIM-MAX985_V5 Datasheet
309Kb / 12P
Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 5; 4/12
MAX985 MAXIM-MAX985_12 Datasheet
369Kb / 12P
Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
Rev 6; 8/12
logo
STMicroelectronics
TS334IDT STMICROELECTRONICS-TS334IDT Datasheet
1Mb / 27P
Micropower low-voltage, rail-to-rail comparators
30-Apr-2013
logo
Texas Instruments
LM393LV TI-LM393LV_V01 Datasheet
2Mb / 42P
LM393LV Dual and LM339LV Quad Low Voltage, Rail-to-Rail Comparators
logo
Maxim Integrated Produc...
MAX4040 MAXIM-MAX4040_V01 Datasheet
384Kb / 16P
Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com